Electronic Components Datasheet Search
  English  ▼

X  

FDR520F Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDR520F
Description  SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR520F Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDR520F Datasheet HTML 1Page - First Silicon Co., Ltd FDR520F Datasheet HTML 2Page - First Silicon Co., Ltd FDR520F Datasheet HTML 3Page - First Silicon Co., Ltd FDR520F Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SEMICONDUCTOR
TECHNICAL DATA
FDR520F
2012. 05. 22
1/4
Revision No : 0
SCHOTTKY BARRIER DIODE
Applications
Low current rectification
Features
Extremelysmall surface mounting type. (SOD923)
Low
High reliability.
Construction
Silicon epitaxial planar
1
2
Cathode
Anode
SOD923
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
Shipping
FDR520F
We declare that the material of product
compliance with RoHS requirements.
IR.
E
Absolute maximum ratings (Ta=25
°C)
Symbol
Unit
VR
V
Io
mA
Electrical characteristic (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
VF
-
-
0.45
V
IF=10mA
IR
-
0.5
µA
VR=10V
Conditions
Reverse current
Parameter
Forward vpltage
I
500
FSM
mA
Tj
℃
Tstg
℃
Parameter
ard current
-40 to +125
Limits
30
100
Forward current surge peak
(60Hz・1cyc)
125
Reverse voltage (DC)
Average rectifierd forw
Junction temperature
Storage temperature
F
-
-
0.50
V
orward vpltage
F
V
IF=20mA
8000/Tape&Reel
2
1


Similar Part No. - FDR520F

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDR520-0603 FS-FDR520-0603 Datasheet
658Kb / 4P
SCHOTTKY BARRIER DIODE
FDR520-1006 FS-FDR520-1006 Datasheet
571Kb / 4P
Plastic-Encapsulate Diodes
FDR520E FS-FDR520E Datasheet
334Kb / 3P
SCHOTTKYBARRIERDIODE
FDR520E-40 FS-FDR520E-40 Datasheet
424Kb / 4P
SCHOTTKY BARRIER DIODE
FDR520G FS-FDR520G Datasheet
435Kb / 4P
SCHOTTKY BARRIER DIODE
More results

Similar Description - FDR520F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com