Electronic Components Datasheet Search
  English  ▼

X  

ABT3 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABT3
Description  WIDE BAND, RF AND BALUN TRANSFORMERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABT3 Datasheet(HTML) 1 Page - Abracon Corporation

  ABT3 Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
WIDE BAND, RF AND BALUN TRANSFORMERS
WIDE BAND, RF AND BALUN TRANSFORMERS
WIDE BAND, RF AND BALUN TRANSFORMERS
ABT-3-XXX
|||||||||||||||
OUTLINE DRAWING:
3
1
2
A
4
3
4
6
1
2
B
6
1
3
2
Out2
In
3
1
1
F
Out1
4
6
4
1
2
C
6
FIGURE (WIRE CONNECTION):
TECHNICAL INFORMATION:
Part No
ABT-3-
Turns
Operating
Frequency
MHz
Insertion
Loss
dB Max
Figure
Double Balanced Mixer (200
Ω:50Ω)
2A
3A
4A
5A
Frequency Mixer (200
Ω:50Ω)
2B
3B
4B
5B
Balun Transformer (50
Ω:50Ω)
2C
3C
4C
5C
Directional Coupler (50
Ω:100Ω)
2F
3F
4F
5F
2½
3½
4½
5½
2:2:2
3:3:3
4:4:4
5:5:5
2½
3½
4½
5½
2½
3½
4½
5½
25-2000
6-1800
3-1600
2-1700
40-500
4.5-600
3-400
1.5-280
(1 & 6 in phase)
10-2700
3-2400
2-2000
1.3-1800
50-1500
10-2000
8-1200
5-1000
3
3
3
3
3
3
3
3
3
3
3
3
in-out1, 2dB
in-out2, 10dB
in-out1, 2dB
in-out2, 12dB
in-out1, 1.5dB
in-ou2t, 14dB
in-out1, 1.2dB
in-out2, 15dB
A
A
A
A
B
B
B
B
C
C
C
C
F
F
F
F
STANDARD SPECIFICATIONS:
Dimensions: inch/mm
• Ordering Code: ABT-XX(Size)-XX(P/N)
• Add-T for tape and reel
• Insulation Resistance: 10M
Ω minimum
• See SCD or detail E&M performance
• Operating Temperature: -40°C to +85°C
All specifications subject to change without notice.
OPTIONS:
• Tape and Reel is standard
• Custom design available
APPLICATIONS:
• RF, Set Top Box, Cable Modem
• Cable TV, Wide Band RF Applicants
• Balance to Unbalance application
• RF signal monitor point
FEATURES:
• Mini Ceramic Base
• High Reliability
• Extended Temperature
• RoHS Compliance


Similar Part No. - ABT3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABT-2-XXX ABRACON-ABT-2-XXX Datasheet
147Kb / 1P
WIDE BAND, RF AND BALUN TRANSFORMERS
ABT-4-XXX ABRACON-ABT-4-XXX Datasheet
139Kb / 1P
WIDE BAND, RF AND BALUN TRANSFORMERS
logo
List of Unclassifed Man...
ABT-402-RC ETC2-ABT-402-RC Datasheet
130Kb / 1P
Low power consumption
logo
Multicomp Pro
ABT-402-RC MULTICOMP-ABT-402-RC Datasheet
876Kb / 5P
Piezo Transducers
08/09/23 V1.1
ABT-405-RC MULTICOMP-ABT-405-RC Datasheet
876Kb / 5P
Piezo Transducers
08/09/23 V1.1
More results

Similar Description - ABT3

ManufacturerPart #DatasheetDescription
logo
EPCOS
B78408A1208A003 EPCOS-B78408A1208A003 Datasheet
88Kb / 4P
RF transformers Balun
B78408A1243A003 EPCOS-B78408A1243A003 Datasheet
88Kb / 4P
RF transformers Balun
B78408A1246A003 EPCOS-B78408A1246A003 Datasheet
88Kb / 4P
RF transformers Balun
logo
MPS Industries, Inc.
R35040 MPSIND-R35040 Datasheet
521Kb / 2P
RF & BALUN TRANSFORMERS
R36570 MPSIND-R36570 Datasheet
519Kb / 2P
RF & BALUN TRANSFORMERS
logo
Pulse A Technitrol Comp...
CX2024 PULSE-CX2024 Datasheet
643Kb / 2P
RF Balun Transformers
logo
Abracon Corporation
ABT-2-XXX ABRACON-ABT-2-XXX Datasheet
147Kb / 1P
WIDE BAND, RF AND BALUN TRANSFORMERS
ABT-4-XXX ABRACON-ABT-4-XXX Datasheet
139Kb / 1P
WIDE BAND, RF AND BALUN TRANSFORMERS
ABT-6-XXX ABRACON-ABT-6-XXX Datasheet
142Kb / 1P
WIDE BAND, RF AND BALUN TRANSFORMERS
ABT-7-XXX ABRACON-ABT-7-XXX Datasheet
141Kb / 1P
WIDE BAND, RF AND BALUN TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com