Electronic Components Datasheet Search
  English  ▼

X  

LM6066 Datasheet(PDF) 8 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM6066
Description  LCD Module User Manual
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM6066 Datasheet(HTML) 8 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LM6066 Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM6066 Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM6066 Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM6066 Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM6066 Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM6066 Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LM6066 Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LM6066 Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd LM6066 Datasheet HTML 12Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TOPWAY
LCD Module User Manual
LM6066
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: 错误!未指定书签。
Page: 8 of 8
3.4
Control Data and Command
The LCD module setting is controlled by the internal Register Values.
The Register Address and Register Value should be issued in sequence and they are addressed
as Control Data.
A full command sequence should be as follow.
Steps
/RD
/WR
RS
Data (DB0~ DB7)
1
st
1
0
0
Register Address
2
nd
1
0
0
Register Value
3.5
Register Table Summary
Reg.
Add
Reg.
Name
R/W
Descriptions
00h
WLCR
R/W
PW1~PW0 : Power Mode
11=Normal Mode; 00=Off Mode
SR : Software Reset
1=reset all register (except DDRAM); 0=normal operation
CG : Display mode selection
1=Character Mode; 0=Graphic Mode
DP : Display on off control
1=normal display; 0=display off
BK : Full screen blinking control
1=blinking (blink time is set by CBTR); 0=normal;
DV : Full screen inverse control
1=normal; 0=inversed
01h
MISC
R/W
CKN : Clock output Control (not applicable)
1=enable; 0=disable
PLR : Interrupt and Busy Polarity (not applicable)
1=active High; 0=active low
CKB1~CKB0 : Clock Speed Selection
00=3MHz; 01=4MHz; 10=8MHz; 11=12MHz
02h
APSR
R/W
SP1~SP0 : ROM/RAM reading speed
00=speed0; 01=speed1; 10=speed2; 11=speed3
ORA : Font ROM Readable
1=enable; 0=disable
SRFS : Scrolling Reset for Start
1=enable; 0=disable
03h
ADSR
R/W
DADR : Display RAM Order (byte)
1=reverse; 0=normal
AUCM : Common Auto Scrolling
1=enable; 0=disable
AUSG : Segment Auto Scrolling
1=enable; 0=disable
Common or Segment Scrolling Selection
1=Segment Scrolling; 0=Common Scrolling
10h
WCCR
R/W
ARI : Auto-increase Cursor Position (in reading DDRAM operation)
1=enable; 0=disable
ALG : Chinese/English char alignment
1=enable; 0=disable
WDI : Store Current Data to DDRAM
1=directly; 0=invertly
WBC : Set Bold font (char mode only)
1=bold; 0=normal
AIX : Auto-increase Cursor Position (in writing DDRAM operation)
1=enable; 0=disable
CP : Cursor display control
1=on; 0=off
CK : Cursor blink control
1=blinking; 0=no blinking
CSD : Set cursor width
1=auto adjust, 0=fix width
11h
DWLR
R/W
CR3~CR0 : Cursor Height
DY3~DY0 : Line Distance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com