Electronic Components Datasheet Search
  English  ▼

X  

ECOS2GA221DA Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECOS2GA221DA
Description  Large Can Aluminum Electrolytic Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECOS2GA221DA Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECOS2GA221DA Datasheet HTML 1Page - Panasonic Semiconductor ECOS2GA221DA Datasheet HTML 2Page - Panasonic Semiconductor ECOS2GA221DA Datasheet HTML 3Page - Panasonic Semiconductor ECOS2GA221DA Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
16
Large Can Aluminum Electrolytic Capacitors
TS-HA Standard Ratings (continued)
Cap.
Panasonic
Cap.
Panasonic
(µF)
120Hz
10k~100kHz
120Hz
20kHz
Part Number
(µF)
120Hz
10k~100kHz
120Hz
20kHz
Part Number
4700
20 x 30
2.00
2.30
0.106
0.079
ECOS1EA472AA
3300
20 x 30
1.90
2.19
0.121
0.090
ECOS1VA332AA
5600
20 x 35
2.20
2.53
0.089
0.067
ECOS1EA562AA
3900
20 x 35
2.00
2.30
0.111
0.083
ECOS1VA392AA
6800
20 x 40
2.40
2.76
0.073
0.055
ECOS1EA682AA
4700
20 x 40
2.20
2.53
0.088
0.066
ECOS1VA472AA
2200
22 x 20
1.30
1.50
0.241
0.181
ECOS1EA222BL
1500
22 x 20
1.10
1.27
0.287
0.216
ECOS1VA152BL
2200
22 x 25
1.30
1.50
0.241
0.181
ECOS1EA222BA
1500
22 x 25
1.10
1.27
0.287
0.216
ECOS1VA152BA
3300
22 x 25
1.62
1.86
0.161
0.121
ECOS1EA332BA
2200
22 x 25
1.48
1.70
0.196
0.147
ECOS1VA222BA
4700
22 x 25
2.00
2.30
0.106
0.079
ECOS1EA472BA
3300
22 x 25
1.90
2.19
0.121
0.090
ECOS1VA332BA
5600
22 x 30
2.20
2.53
0.089
0.067
ECOS1EA562BA
3900
22 x 30
2.00
2.30
0.111
0.083
ECOS1VA392BA
6800
22 x 30
2.40
2.76
0.073
0.055
ECOS1EA682BA
4700
22 x 35
2.20
2.53
0.088
0.066
ECOS1VA472BA
8200
22 x 35
2.70
3.11
0.061
0.045
ECOS1EA822BA
5600
22 x 35
2.40
2.76
0.074
0.056
ECOS1VA562BA
10000
22 x 40
3.00
3.45
0.051
0.039
ECOS1EA103BA
6800
22 x 40
2.60
2.99
0.061
0.046
ECOS1VA682BA
12000
22 x 45
3.20
3.68
0.044
0.033
ECOS1EA123BA
8200
22 x 50
2.90
3.34
0.051
0.038
ECOS1VA822BA
3300
25 x 20
1.60
1.84
0.161
0.121
ECOS1EA332CL
2200
25 x 20
1.40
1.61
0.196
0.147
ECOS1VA222CL
6800
25 x 25
2.40
2.76
0.073
0.055
ECOS1EA682CA
4700
25 x 25
2.20
2.53
0.088
0.066
ECOS1VA472CA
8200
25 x 30
2.70
3.11
0.061
0.045
ECOS1EA822CA
5600
25 x 30
2.40
2.76
0.074
0.056
ECOS1VA562CA
10000
25 x 35
3.00
3.45
0.051
0.039
ECOS1EA103CA
6800
25 x 35
2.60
2.99
0.061
0.046
ECOS1VA682CA
12000
25 x 40
3.20
3.68
0.044
0.035
ECOS1EA123CA
8200
25 x 40
2.90
3.34
0.051
0.038
ECOS1VA822CA
15000
25 x 45
3.60
4.14
0.036
0.031
ECOS1EA153CA
10000
25 x 45
3.20
3.68
0.041
0.031
ECOS1VA103CA
18000
25 x 50
3.90
4.49
0.030
0.027
ECOS1EA183CA
12000
25 x 50
3.50
4.03
0.035
0.026
ECOS1VA123CA
4700
30 x 20
1.80
2.07
0.113
0.085
ECOS1EA472DL
3300
30 x 20
1.70
1.96
0.131
0.098
ECOS1VA332DL
8200
30 x 25
2.70
3.11
0.061
0.045
ECOS1EA822DA
5600
30 x 25
2.40
2.76
0.074
0.056
ECOS1VA562DA
10000
30 x 30
3.00
3.45
0.051
0.039
ECOS1EA103DA
6800
30 x 30
2.60
2.99
0.061
0.046
ECOS1VA682DA
12000
30 x 30
3.20
3.68
0.044
0.035
ECOS1EA123DA
8200
30 x 30
2.90
3.34
0.051
0.038
ECOS1VA822DA
15000
30 x 35
3.60
4.14
0.036
0.031
ECOS1EA153DA
10000
30 x 35
3.20
3.68
0.041
0.031
ECOS1VA103DA
18000
30 x 40
3.90
4.49
0.030
0.027
ECOS1EA183DA
12000
30 x 40
3.50
4.03
0.035
0.026
ECOS1VA123DA
22000
30 x 45
4.30
4.95
0.025
0.022
ECOS1EA223DA
15000
30 x 45
3.90
4.49
0.030
0.022
ECOS1VA153DA
6800
35 x 20
2.30
2.65
0.080
0.060
ECOS1EA682EL
4700
35 x 20
2.00
2.30
0.095
0.071
ECOS1VA472EL
12000
35 x 25
3.20
3.68
0.044
0.035
ECOS1EA123EA
8200
35 x 25
2.90
3.34
0.051
0.038
ECOS1VA822EA
15000
35 x 30
3.60
4.14
0.036
0.031
ECOS1EA153EA
10000
35 x 30
3.20
3.68
0.041
0.031
ECOS1VA103EA
18000
35 x 35
3.90
4.49
0.030
0.027
ECOS1EA183EA
12000
35 x 30
3.50
4.03
0.035
0.026
ECOS1VA123EA
22000
35 x 35
4.30
4.95
0.025
0.022
ECOS1EA223EA
15000
35 x 35
3.90
4.49
0.030
0.022
ECOS1VA153EA
27000
35 x 45
4.80
5.52
0.021
0.019
ECOS1EA273EA
18000
35 x 40
4.30
4.95
0.028
0.021
ECOS1VA183EA
33000
35 x 50
5.50
6.33
0.018
0.016
ECOS1EA333EA
22000
35 x 50
5.00
5.75
0.023
0.017
ECOS1VA223EA
33000
40 x 40
5.50
6.33
0.018
0.016
ECOS1EA333FA
22000
40 x 40
5.00
5.75
0.023
0.017
ECOS1VA223FA
47000
40 x 50
6.47
7.44
0.015
0.014
ECOS1EA473FA
27000
40 x 50
5.44
6.26
0.020
0.015
ECOS1VA273FA
1800
20 x 30
1.50
1.73
0.129
0.097
ECOS1HA182AA
1200
20 x 30
1.40
1.61
0.235
0.176
ECOS1JA122AA
2200
20 x 35
1.70
1.96
0.105
0.079
ECOS1HA222AA
1500
20 x 35
1.50
1.73
0.188
0.141
ECOS1JA152AA
2700
20 x 40
1.80
2.07
0.086
0.064
ECOS1HA272AA
1800
20 x 40
1.70
1.96
0.157
0.117
ECOS1JA182AA
1000
22 x 20
0.90
1.04
0.265
0.199
ECOS1HA102BL
680
22 x 20
0.90
1.04
0.463
0.347
ECOS1JA681BL
1000
22 x 25
0.90
1.04
0.232
0.174
ECOS1HA102BA
680
22 x 25
0.90
1.04
0.414
0.311
ECOS1JA681BA
1500
22 x 25
1.25
1.44
0.155
0.116
ECOS1HA152BA
1000
22 x 25
1.17
1.35
0.282
0.211
ECOS1JA102BA
1800
22 x 25
1.50
1.73
0.129
0.097
ECOS1HA182BA
1200
22 x 25
1.40
1.61
0.235
0.176
ECOS1JA122BA
2200
22 x 30
1.70
1.96
0.105
0.079
ECOS1HA222BA
1500
22 x 30
1.50
1.73
0.188
0.141
ECOS1JA152BA
2700
22 x 30
1.80
2.07
0.086
0.064
ECOS1HA272BA
1800
22 x 30
1.70
1.96
0.157
0.117
ECOS1JA182BA
3300
22 x 35
2.00
2.30
0.070
0.053
ECOS1HA332BA
2200
22 x 35
2.00
2.30
0.128
0.096
ECOS1JA222BA
3900
22 x 40
2.20
2.53
0.064
0.048
ECOS1HA392BA
2700
22 x 40
2.20
2.53
0.104
0.078
ECOS1JA272BA
4700
22 x 45
2.50
2.88
0.053
0.040
ECOS1HA472BA
3300
22 x 50
2.50
2.88
0.090
0.068
ECOS1JA332BA
5600
22 x 50
2.80
3.22
0.050
0.038
ECOS1HA562BA
1000
25 x 20
1.20
1.38
0.315
0.236
ECOS1JA102CL
1500
25 x 20
1.20
1.38
0.177
0.133
ECOS1HA152CL
1800
25 x 25
1.70
1.96
0.157
0.117
ECOS1JA182CA
2700
25 x 25
1.80
2.07
0.086
0.064
ECOS1HA272CA
2200
25 x 30
2.00
2.30
0.128
0.096
ECOS1JA222CA
3300
25 x 30
2.00
2.30
0.070
0.053
ECOS1HA332CA
2700
25 x 35
2.20
2.53
0.104
0.078
ECOS1JA272CA
3900
25 x 35
2.20
2.53
0.064
0.048
ECOS1HA392CA
3300
25 x 40
2.50
2.88
0.090
0.068
ECOS1JA332CA
4700
25 x 40
2.50
2.88
0.053
0.040
ECOS1HA472CA
3900
25 x 45
2.70
3.11
0.077
0.057
ECOS1JA392CA
5600
25 x 40
2.80
3.22
0.050
0.038
ECOS1HA562CA
4700
25 x 50
3.00
3.45
0.063
0.048
ECOS1JA472CA
6800
25 x 50
3.30
3.80
0.046
0.035
ECOS1HA682CA
1500
30 x 20
1.30
1.50
0.210
0.157
ECOS1JA152DL
2200
30 x 20
1.40
1.61
0.121
0.090
ECOS1HA222DL
2700
30 x 25
2.20
2.53
0.104
0.078
ECOS1JA272DA
3900
30 x 25
2.20
2.53
0.064
0.048
ECOS1HA392DA
3300
30 x 30
2.50
2.88
0.090
0.068
ECOS1JA332DA
4700
30 x 30
2.50
2.88
0.053
0.040
ECOS1HA472DA
3900
30 x 35
2.70
3.11
0.077
0.057
ECOS1JA392DA
5600
30 x 35
2.80
3.22
0.050
0.038
ECOS1HA562DA
4700
30 x 40
3.00
3.45
0.063
0.048
ECOS1JA472DA
6800
30 x 40
3.30
3.80
0.046
0.035
ECOS1HA682DA
5600
30 x 45
3.30
3.80
0.053
0.040
ECOS1JA562DA
8200
30 x 45
3.60
4.14
0.038
0.029
ECOS1HA822DA
6800
30 x 50
3.60
4.14
0.049
0.037
ECOS1JA682DA
10000
30 x 50
4.00
4.60
0.033
0.025
ECOS1HA103DA
2200
35 x 20
1.50
1.73
0.143
0.107
ECOS1JA222EL
3300
35 x 20
1.70
1.96
0.085
0.064
ECOS1HA332EL
3300
35 x 25
2.50
2.88
0.090
0.068
ECOS1JA332EA
4700
35 x 25
2.50
2.88
0.053
0.040
ECOS1HA472EA
3900
35 x 30
2.70
3.11
0.077
0.057
ECOS1JA392EA
5600
35 x 30
2.80
3.22
0.050
0.038
ECOS1HA562EA
4700
35 x 30
3.00
3.45
0.063
0.048
ECOS1JA472EA
6800
35 x 30
3.30
3.80
0.046
0.035
ECOS1HA682EA
5600
35 x 35
3.30
3.80
0.053
0.040
ECOS1JA562EA
8200
35 x 35
3.60
4.14
0.038
0.029
ECOS1HA822EA
6800
35 x 40
3.60
4.14
0.049
0.037
ECOS1JA682EA
10000
35 x 40
4.00
4.60
0.033
0.025
ECOS1HA103EA
8200
35 x 45
3.90
4.49
0.040
0.030
ECOS1JA822EA
12000
35 x 45
4.50
5.18
0.028
0.022
ECOS1HA123EA
10000
35 x 50
4.40
5.06
0.033
0.028
ECOS1JA103EA
15000
35 x 50
4.80
5.52
0.022
0.018
ECOS1HA153EA
12000
40 x 40
4.52
5.20
0.030
0.026
ECOS1JA123FA
15000
40 x 40
4.80
5.52
0.022
0.018
ECOS1HA153FA
15000
40 x 50
4.80
5.52
0.027
0.023
ECOS1JA153FA
22000
40 x 50
5.15
5.92
0.016
0.013
ECOS1HA223FA
Size (mm)
Size (mm) Max 105°C R.C. (Arms)
20°C ESR (
Ω, max.)
Max 105°C R.C. (Arms)
20°C ESR (
Ω, max.)
D x L
50 VDC Working, 63 VDC Surge
63 VDC Working, 79 VDC Surge
35 VDC Working, 44 VDC Surge
25 VDC Working, 32 VDC Surge
D x L



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com