Electronic Components Datasheet Search
  English  ▼

X  

ECOS2GA271DA Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECOS2GA271DA
Description  Large Can Aluminum Electrolytic Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECOS2GA271DA Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECOS2GA271DA Datasheet HTML 1Page - Panasonic Semiconductor ECOS2GA271DA Datasheet HTML 2Page - Panasonic Semiconductor ECOS2GA271DA Datasheet HTML 3Page - Panasonic Semiconductor ECOS2GA271DA Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
15
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
Large Can Aluminum Electrolytic Capacitors
3000 hour* life at 105ºC with high ripple current capability
Wide range of case sizes including 20mm, low profile lengths
NEW: 40mm diameter sizes through 100WV.
Can vent construction
Part Number System
Series
Capacitance
Code
Top Vinyl Plate
Ripple Current
Multipliers:
Page 7
TS-HA Standard Ratings
Cap.
Panasonic
Cap.
Panasonic
(µF)
120Hz
10k~100kHz
120Hz
20kHz
Part Number
(µF)
120Hz
10k~100kHz
120Hz
20kHz
Part Number
6800
20 x 25
1.30
1.50
0.110
0.093
ECOS1AA682AA
6800
20 x 30
2.20
2.53
0.085
0.068
ECOS1CA682AA
8200
20 x 30
1.60
1.84
0.091
0.077
ECOS1AA822AA
8200
20 x 35
2.40
2.76
0.071
0.057
ECOS1CA822AA
10000
20 x 30
1.80
2.07
0.075
0.063
ECOS1AA103AA
10000
20 x 40
2.60
2.99
0.066
0.053
ECOS1CA103AA
12000
20 x 35
2.20
2.53
0.062
0.053
ECOS1AA123AA
3300
22 x 20
1.30
1.50
0.216
0.173
ECOS1CA332BL
15000
20 x 40
2.30
2.65
0.053
0.045
ECOS1AA153AA
3300
22 x 25
1.30
1.50
0.176
0.141
ECOS1CA332BA
4700
22 x 25
0.85
0.98
0.159
0.135
ECOS1AA472BA
4700
22 x 25
1.52
1.75
0.123
0.099
ECOS1CA472BA
6800
22 x 25
1.30
1.50
0.110
0.093
ECOS1AA682BA
6800
22 x 25
2.20
2.53
0.085
0.068
ECOS1CA682BA
10000
22 x 25
1.80
2.07
0.075
0.063
ECOS1AA103BA
8200
22 x 30
2.40
2.76
0.071
0.057
ECOS1CA822BA
12000
22 x 30
2.20
2.53
0.062
0.053
ECOS1AA123BA
10000
22 x 30
2.60
2.99
0.066
0.053
ECOS1CA103BA
15000
22 x 35
2.30
2.65
0.053
0.045
ECOS1AA153BA
12000
22 x 35
2.90
3.34
0.055
0.044
ECOS1CA123BA
18000
22 x 40
2.40
2.76
0.044
0.038
ECOS1AA183BA
15000
22 x 40
3.20
3.68
0.046
0.037
ECOS1CA153BA
22000
22 x 45
2.60
2.99
0.038
0.032
ECOS1AA223BA
18000
22 x 45
3.50
4.03
0.040
0.034
ECOS1CA183BA
27000
22 x 50
3.10
3.57
0.033
0.028
ECOS1AA273BA
4700
25 x 20
1.60
1.84
0.152
0.121
ECOS1CA472CL
15000
25 x 25
2.30
2.65
0.053
0.045
ECOS1AA153CA
10000
25 x 25
2.60
2.99
0.066
0.053
ECOS1CA103CA
18000
25 x 30
2.40
2.76
0.044
0.038
ECOS1AA183CA
12000
25 x 30
2.90
3.34
0.055
0.044
ECOS1CA123CA
22000
25 x 35
2.60
2.99
0.038
0.032
ECOS1AA223CA
15000
25 x 35
3.20
3.68
0.046
0.037
ECOS1CA153CA
27000
25 x 40
3.10
3.57
0.033
0.028
ECOS1AA273CA
18000
25 x 40
3.50
4.03
0.040
0.034
ECOS1CA183CA
33000
25 x 45
3.40
3.91
0.027
0.023
ECOS1AA333CA
22000
25 x 45
3.80
4.37
0.033
0.028
ECOS1CA223CA
39000
25 x 50
3.70
4.26
0.025
0.021
ECOS1AA393CA
27000
25 x 50
4.20
4.83
0.028
0.025
ECOS1CA273CA
22000
30 x 25
2.60
2.99
0.038
0.032
ECOS1AA223DA
6800
30 x 20
1.80
2.07
0.105
0.084
ECOS1CA682DL
27000
30 x 30
3.10
3.57
0.033
0.028
ECOS1AA273DA
12000
30 x 25
2.90
3.34
0.055
0.044
ECOS1CA123DA
33000
30 x 35
3.40
3.91
0.027
0.023
ECOS1AA333DA
15000
30 x 30
3.20
3.68
0.046
0.037
ECOS1CA153DA
39000
30 x 40
3.70
4.26
0.025
0.021
ECOS1AA393DA
18000
30 x 30
3.50
4.03
0.040
0.034
ECOS1CA183DA
47000
30 x 45
4.20
4.83
0.023
0.020
ECOS1AA473DA
22000
30 x 35
3.80
4.37
0.033
0.028
ECOS1CA223DA
56000
30 x 50
5.00
5.75
0.022
0.019
ECOS1AA563DA
27000
30 x 40
4.20
4.83
0.028
0.025
ECOS1CA273DA
27000
35 x 25
3.10
3.57
0.033
0.028
ECOS1AA273EA
33000
30 x 45
4.70
5.41
0.023
0.020
ECOS1CA333DA
33000
35 x 30
3.40
3.91
0.027
0.023
ECOS1AA333EA
39000
30 x 50
5.10
5.87
0.022
0.020
ECOS1CA393DA
39000
35 x 30
3.70
4.26
0.025
0.021
ECOS1AA393EA
10000
35 x 20
2.40
2.76
0.071
0.057
ECOS1CA103EL
47000
35 x 35
4.20
4.83
0.023
0.020
ECOS1AA473EA
18000
35 x 25
3.50
4.03
0.040
0.034
ECOS1CA183EA
56000
35 x 40
5.00
5.75
0.022
0.021
ECOS1AA563EA
22000
35 x 30
3.80
4.37
0.033
0.028
ECOS1CA223EA
68000
35 x 50
5.50
6.33
0.021
0.020
ECOS1AA683EA
27000
35 x 30
4.20
4.83
0.028
0.025
ECOS1CA273EA
62000
40 x 40
5.42
6.23
0.023
0.022
ECOS1AA623FA
33000
35 x 35
4.70
5.41
0.023
0.020
ECOS1CA333EA
82000
40 x 50
7.36
8.46
0.018
0.017
ECOS1AA823FA
39000
35 x 40
5.10
5.87
0.022
0.020
ECOS1CA393EA
47000
35 x 45
5.50
6.33
0.020
0.018
ECOS1CA473EA
56000
35 x 50
6.00
6.90
0.019
0.017
ECOS1CA563EA
47000
40 x 40
5.50
6.33
0.020
0.018
ECOS1CA473FA
68000
40 x 50
7.29
8.38
0.015
0.014
ECOS1CA683FA
10 VDC Working, 13 VDC Surge
D x L
16 VDC Working, 20 VDC Surge
D x L
Common Code/
Terminal Type
Case
Diameter
ECOS
ECEC
6.3mm Length Terminal (Standard)
TS-HA Series
two terminal snap-in
Rated Working Voltage:
10 ~ 250 VDC
385 ~ 450 VDC
Operating Temperature:
-40 ~ +105ºC
-25 ~ +105ºC
*2000 hours for 20mm diameter or 20mm length sizes
Dissipation Factor:
(120 Hz, +20ºC)
20°C ESR (
Ω, max.)
Size (mm) Max 105°C R.C. (Arms)
20°C ESR (
Ω, max.)
Nominal Capacitance:
68 ~ 68000µF (±20% tolerance)
33 ~ 470µF (±20% tolerance)
Voltage
Code
Endurance:
3000 hours* at +105ºC with maximum specified ripple current (see page 4)
4mm Length "Short" Terminal
(See page 7)
Size (mm) Max 105°C R.C. (Arms)
Working Voltage [V]:
Max. D.F. (%):
16
45
25
35
35
30
50
25
63
20
80
17
100 - 450
15
(rated cap. [µF] - 33000)
1000
For capacitance values > 33000µF, add the value of:
E
C
A
A
B
C
D
E
20mm
22mm
25mm
30mm
35mm
B
Without plate
25 ~ 50mm lengths
A
With Plate
20mm length
L
G
With Plate
Without plate
10
55
F
40mm


Similar Part No. - ECOS2GA271DA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECOS2GB101BA PANASONIC-ECOS2GB101BA Datasheet
178Kb / 2P
Large Can Aluminum Electrolytic Capacitors
ECOS2GB101BA PANASONIC-ECOS2GB101BA Datasheet
193Kb / 10P
Large Can Aluminum Electrolytic Capacitors
ECOS2GB101BA PANASONIC-ECOS2GB101BA Datasheet
178Kb / 2P
Large Can Aluminum Electrolytic Capacitors
ECOS2GB101CA PANASONIC-ECOS2GB101CA Datasheet
178Kb / 2P
Large Can Aluminum Electrolytic Capacitors
ECOS2GB101CA PANASONIC-ECOS2GB101CA Datasheet
193Kb / 10P
Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - ECOS2GA271DA

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
Large Can Aluminum Electrolytic Capacitors
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
Large Can Aluminum Electrolytic Capacitors
ECE-T1VP563FA PANASONIC-ECE-T1VP563FA Datasheet
399Kb / 3P
Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLCW NIC-NRLCW Datasheet
347Kb / 7P
Large Can Aluminum Electrolytic Capacitors
NRLUW NIC-NRLUW Datasheet
322Kb / 6P
Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com