Electronic Components Datasheet Search
  English  ▼

X  

UPD77210 Datasheet(PDF) 39 Page - NEC

Part # UPD77210
Description  16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD77210 Datasheet(HTML) 39 Page - NEC

Back Button UPD77210 Datasheet HTML 35Page - NEC UPD77210 Datasheet HTML 36Page - NEC UPD77210 Datasheet HTML 37Page - NEC UPD77210 Datasheet HTML 38Page - NEC UPD77210 Datasheet HTML 39Page - NEC UPD77210 Datasheet HTML 40Page - NEC UPD77210 Datasheet HTML 41Page - NEC UPD77210 Datasheet HTML 42Page - NEC UPD77210 Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
Data Sheet U15203EJ3V0DS
39
µµµµPD77210, 77213
9. INSTRUCTION
9.1 Outline of Instruction
One instruction consists of 32 bits. All the instructions, with some exceptions such as branch instructions, are
executed with one system clock. The instruction cycle of the
µPD77210 is up to 6.25 ns. The instruction cycle of the
µPD77213 is up to 8.33 ns. The following nine types of instructions are available.
(1) Trinomial instructions
These instructions specify an operation by the MAC. As the operands, three general-purpose registers can
be specified.
(2) Binomial instructions
These instructions specify an operation by the MAC, ALU, or BSFT. As the operands, two general-purpose
registers can be specified. Some of these instructions allow one immediate value to be specified instead of a
general-purpose register.
(3) Monomial instructions
These instructions specify an operation by the ALU. As the operand, a general-purpose register can be
specified.
(4) Load/store instructions
These instructions specify 16-bit data transfer between memory and a general-purpose register.
As the
operand, any general-purpose register can be specified.
(5) Register-to-register transfer instructions
These instructions specify transfer between a general-purpose register and another register.
(6) Immediate value setting instructions
These instructions set an immediate value in the general-purpose registers and each register of the address
operation unit.
(7) Branch instructions
These instructions specify branching of the program.
(8) Hardware loop instructions
These instructions specify the repetitive execution of an instruction.
(9) Control instructions
These instructions specify program control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com