Electronic Components Datasheet Search
  English  ▼

X  

2967167 Datasheet(PDF) 10 Page - PHOENIX CONTACT

Part # 2967167
Description  Relay socket - PLC-BSP-120UC/21
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2967167 Datasheet(HTML) 10 Page - PHOENIX CONTACT

Back Button 2967167 Datasheet HTML 2Page - PHOENIX CONTACT 2967167 Datasheet HTML 3Page - PHOENIX CONTACT 2967167 Datasheet HTML 4Page - PHOENIX CONTACT 2967167 Datasheet HTML 5Page - PHOENIX CONTACT 2967167 Datasheet HTML 6Page - PHOENIX CONTACT 2967167 Datasheet HTML 7Page - PHOENIX CONTACT 2967167 Datasheet HTML 8Page - PHOENIX CONTACT 2967167 Datasheet HTML 9Page - PHOENIX CONTACT 2967167 Datasheet HTML 10Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
https://www.phoenixcontact.com/us/products/2967167
07/15/2016   Page 10 / 10
Relay socket - PLC-BSP-120UC/21 - 2967167
Accessories
Miniature solid-state relay - OPT-60DC/230AC/ 1 - 2967963
Plug-in miniature solid-state relay, power solid-state relay, 1 N/O contact, input: 60 V DC, output: 24 - 253 V AC/0.75 A
 
 
Phoenix Contact 2016 © - all rights reserved
http://www.phoenixcontact.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com