Electronic Components Datasheet Search
  English  ▼

X  

DSC1004 Datasheet(PDF) 21 Page - Microchip Technology

Part # DSC1004
Description  1.8V-3.3V Low-Power Precision CMOS Oscillators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1004 Datasheet(HTML) 21 Page - Microchip Technology

Back Button DSC1004 Datasheet HTML 16Page - Microchip Technology DSC1004 Datasheet HTML 17Page - Microchip Technology DSC1004 Datasheet HTML 18Page - Microchip Technology DSC1004 Datasheet HTML 19Page - Microchip Technology DSC1004 Datasheet HTML 20Page - Microchip Technology DSC1004 Datasheet HTML 21Page - Microchip Technology DSC1004 Datasheet HTML 22Page - Microchip Technology DSC1004 Datasheet HTML 23Page - Microchip Technology DSC1004 Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
 2017 Microchip Technology Inc.
DS20005529B-page 21
DSC1001/3/4
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a)
DSC1001AE1-010.0000T:
1.8V - 3.3V Low-Power Pre-
cision CMOS Oscillator, 4-
Lead 7.0 mm x 5.0 mm
DFN, Ext. Commercial Tem-
perature Range, ±50 ppm,
10 MHz Output Fre-
quency, 1,000/Reel
b)
DSC1003BL2-030.0000:
1.8V - 3.3V Low-Power Pre-
cision CMOS Oscillator, 4-
Lead 5.0 mm x 3.2 mm
CDFN, Ext. Industrial Tem-
perature Range, ±25 ppm,
30 MHz
Output
Fre-
quency, 110/Tube
c)
DSC1001DE5-150.0000:
1.8V - 3.3V Low-Power Pre-
cision CMOS Oscillator, 4-
Lead 2.5 mm x 2.0 mm
CDFN, Ext. Commercial
Temperature
Range,
±10 ppm,
150 MHz Output
Frequency, 110/Tube
d)
DSC1004AI3-075.0000T:
1.8V - 3.3V Low-Power
Precision CMOS Oscilla-
tor, 4-Lead 7.0 mm x
5.0 mm DFN, Industrial
Temperature Range,
±20 ppm,
75 MHz
Output Frequency,
1,000/Reel
PART NO.
X
X
Package
Stability
Device
Device:
DSC1001/3/4: 1.8V - 3.3V Low-Power Precision CMOS
Oscillator
Package:
A
=
4-Lead 7.0 mm x 5.0 mm DFN
B
=
4-Lead 5.0 mm x 3.2 mm CDFN
C
=
4-Lead 3.2 mm x 2.5 mm CDFN
D
=
4-Lead 2.5 mm x 2.0 mm CDFN
Temperature
Range:
E
=
–20
C to +70C (Extended Commercial)
I
=
–40
C to +85C (Industrial)
L
=
–40
C to +105C (Extended Industrial)
Stability:
1
=
±50ppm
2
=
±25ppm
3=
±20 ppm
5=
±10 ppm
Frequency:
xxx.xxxx
= 1 MHz to 150 MHz (user-defined)
Packing Option:
<blank>=
110/Tube
T
=
1,000/Reel
X
Package
X
Temperature
Range
-XXX.XXXX
Frequency
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and
is not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com