Electronic Components Datasheet Search
  English  ▼

X  

BCV27 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # BCV27
Description  DARLINGTON TRANSISTOR (NPN)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

BCV27 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  BCV27 Datasheet HTML 1Page - First Silicon Co., Ltd BCV27 Datasheet HTML 2Page - First Silicon Co., Ltd BCV27 Datasheet HTML 3Page - First Silicon Co., Ltd BCV27 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SEMICONDUCTOR
TECHNICAL DATA
BCV27
2016. 12. 06
1/4
Revision No : 0
BCV27
DARLINGTON TRANSISTOR (NPN)
FEATURES
 High Collector Current
 High Current Gain
MARKING:FF
MAXIMUM RATINGS (Ta=25
unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
40
V
VCEO
Collector-Emitter Voltage
30
V
VEBO
Emitter-Base Voltage
10
V
IC
Collector Current
500
mA
PC
Collector Power Dissipation
300
mW
RΘJA
Thermal Resistance From Junction To Ambient
416
℃/W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-55~+150
℃
ELECTRICAL CHARACTERISTICS (Ta=25
unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=100µA, IE=0
40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=10mA, IB=0
30
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10µA, IC=0
10
V
Collector cut-off current
ICBO
VCB=30V, IE=0
0.1
µA
Emitter cut-off current
IEBO
VEB=4V, IC=0
0.1
µA
hFE(1)
VCE=1V, IC=100µA
4000
hFE(2)
VCE=5V, IC=10mA
10000
hFE(3)
VCE=5V, IC=100mA
20000
DC current gain
hFE(4)
VCE=5V, IC=0.5A
4000
Collector-emitter saturation voltage
VCE(sat)
IC=100mA, IB=0.1mA
1
V
Base-emitter saturation voltage
VBE(sat)
IC=100mA, IB=0.1mA
1.5
V
Transition frequency
fT
VCE=5V,IC=50mA, f=100MHz
170
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
3.5
pF
SOT–23
1. BASE
2. EMITTER
3. COLLECTOR
2
EMITTER
3
1
BASE
COLLECTOR


Similar Part No. - BCV27

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCV27 PHILIPS-BCV27 Datasheet
43Kb / 8P
NPN Darlington transistors
1999 Apr 08
logo
Zetex Semiconductors
BCV27 ZETEX-BCV27 Datasheet
49Kb / 1P
NPN SILICON PLANAR DARLINGTON TRANSISTORS
logo
Siemens Semiconductor G...
BCV27 SIEMENS-BCV27 Datasheet
140Kb / 4P
NPN Silicon Darlington Transistors (For general AF applications High collector current)
logo
Fairchild Semiconductor
BCV27 FAIRCHILD-BCV27 Datasheet
52Kb / 5P
NPN Darlington Transistor
logo
Infineon Technologies A...
BCV27 INFINEON-BCV27 Datasheet
49Kb / 5P
NPN Silicon Darlington Transistors
Jul-12-2001
More results

Similar Description - BCV27

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MPSA13 TRSYS-MPSA13 Datasheet
124Kb / 1P
NPN DARLINGTON TRANSISTOR
logo
Samsung semiconductor
MMBT6427 SAMSUNG-MMBT6427 Datasheet
67Kb / 2P
NPN (DARLINGTON TRANSISTOR)
logo
Fairchild Semiconductor
2N5306 FAIRCHILD-2N5306 Datasheet
23Kb / 2P
NPN Darlington Transistor
MPSA13 FAIRCHILD-MPSA13 Datasheet
605Kb / 13P
NPN Darlington Transistor
logo
Rohm
2SD2399 ROHM-2SD2399 Datasheet
370Kb / 5P
Transistor,NPN,Darlington
logo
Fairchild Semiconductor
2N7052 FAIRCHILD-2N7052_01 Datasheet
310Kb / 8P
NPN Darlington Transistor
MPSA14 FAIRCHILD-MPSA14_01 Datasheet
651Kb / 14P
NPN Darlington Transistor
logo
Solid States Devices, I...
SFT10000-3 SSDI-SFT10000-3_1 Datasheet
143Kb / 2P
NPN DARLINGTON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N997 NJSEMI-2N997 Datasheet
91Kb / 1P
NPN DARLINGTON TRANSISTOR
2N6578 NJSEMI-2N6578 Datasheet
94Kb / 1P
NPN DARLINGTON TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com