Electronic Components Datasheet Search
  English  ▼

X  

BD437 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # BD437
Description  TRANSISTOR (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

BD437 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  BD437 Datasheet HTML 1Page - First Silicon Co., Ltd BD437 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2012. 04. 27
1/2
SEMICONDUCTOR
TECHNICAL DATA
BD433/435/437
Revision No : 0
1 EMITTER
2 COLLECTOR
3 BASE
TO-126
A
B
DIM
MILLIMETERS
8.3 MAX
A
B
11.3±0.3
C
C
4.15 TYP
D
D
3.2±0.2
E
E
2.0±0.2
F
F
2.8±0.1
G
3.2±0.1
G
H
H
1.27±0.1
I
I
1.40±0.1
K
K
15.5±0.2
L
L
0.76±0.1
M
M
2.28 TYP
O
P
O
4.56±0.1
P
0.6 MAX
1
2
3
BD433/435/437
TRANSISTOR (NPN)
FEATURES
Amplifier and Switching Applications
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
BD433
BD435
BD437
22
32
45
V
VCEO
Collector-Emitter Voltage
BD433
BD435
BD437
22
32
45
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current –Continuous
4
A
PC
Collector Power Dissipation
1.25
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
BD433
IC=100
μA,IE=0
BD435
BD437
22
32
45
V
Collector-emitter breakdown voltage
VCE(SUS)
(1)
BD433
IC=100mA,IB=0
BD435
BD437
22
32
45
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100
μA,IC
V
5
0
=
Collector cut-off current
ICBO
VCB=22V,IE=0
BD433
VCB=32V,IE=0
BD435
VCB=45V,IE=0
BD437
1
μA
Collector cut-off current
ICEO
VCE=22V,IE=0
BD433
VCE=32V,IE=0
BD435
VCE=45V,IE=0
BD437
10
μA
Emitter cut-off current
IEBO
VEB=5V,IE=0
1
μA
hFE(1)
(1)
VCE=1V,IC=500mA
85
hFE(2)
(1)
VCE=5V,IC=10mA
BD433/BD435
BD437
40
30
DC current gain
hFE(3)
(1)
VCE=1V,IC=2A
BD433/BD435
BD437
50
40
Collector-emitter saturation voltage
VCE(sat)
(1)
IC=2A,IB=0.2A
BD433/BD435
BD437
0.5
0.6
V
Base-emitter voltage
VBE
(1)
VCE=1V,IC=2A
BD433/BD435
BD437
1.1
1.2
V
Transition frequency
fT
VCE=1V,IC=250mA
3
MHz
(1)Pulse test.


Similar Part No. - BD437

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD437 MOTOROLA-BD437 Datasheet
106Kb / 4P
Plastic Medium Power Silicon NPN Transistor
logo
STMicroelectronics
BD437 STMICROELECTRONICS-BD437 Datasheet
70Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Jun-1997
logo
Siemens Semiconductor G...
BD437 SIEMENS-BD437 Datasheet
183Kb / 5P
PNP SILICON EPIBASE TRANSISTORS
logo
Fairchild Semiconductor
BD437 FAIRCHILD-BD437 Datasheet
44Kb / 5P
Medium Power Linear and Switching Applications
logo
Micro Electronics
BD437 MICRO-ELECTRONICS-BD437 Datasheet
67Kb / 1P
NPN SILICON TRANSISTOR
More results

Similar Description - BD437

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com