Electronic Components Datasheet Search
  English  ▼

X  

C106B Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # C106B
Description  Silicon Planar PNPN Thyristor (4A SCR)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

C106B Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  C106B Datasheet HTML 1Page - First Silicon Co., Ltd C106B Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEMICONDUCTOR
TECHNICAL DATA
C106B/D/M
2015. 02. 06
1/2
Revision No : 0
Silicon Planar PNPN Thyristor (4A SCR)
DESCRIPTION
Thyristor in a TO-126F Plastic Package.
FEATURES
The consumption level provide reliable applications,
such as temperature, lighting, speed, etc.
APPLICATIONS
Applied to high Voltage control circuit.
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Gate
Cathode
Symbol
○
Anode
Absolute Maximum Ratings(Ta=25
℃)
Parameter
Symbol
Test Conditions
Rating
Unit
Repetitive peak off-state
voltages
VDRM,
VRRM
RGK=1K
TC=-40~110℃
C106B
C106D
C106M
200
400
600
V
RMS on-state current
IT(RMS)
TC=80℃
A
4
Average on-state current
IT(AV)
TC=80℃
A
5
5
.
2
Non-repetitive peak on-state
current
ITSM
1/2 Cycle, Sine Wave,60Hz,
TJ=110℃
20
A
I
2
t
I
g
n
i
s
u
f
r
o
f
2
A
5
6
.
1
s
m
3
.
8
=
t
t
2S
Peak gate power
PGM
TC=80℃
W
m
0
0
5
Peak Average power
PG(AV)
TC=80℃
W
m
0
0
1
Peak gate current
IGM
TC=80℃
A
2
.
0
Junction Temperature
Tj
-40~+110
℃
Storage Temperature Range
Tstg
-40~+150
℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Repetitive peak off-state
current
IDRM,
IRRM
VAK=Rated VDRM or
VRRM
RGK=1K
Ω
Tc =25℃
10
μA
Tc=110℃
100
On-state voltage
VTM
ITM=4.0A
tp=380uS
2.2
V
Gate trigger current
IGT
VAK=6.0Vdc
RL=100
Ω
Tc =25℃
15
200
μA
Tc=-40℃
35
500
Gate trigger voltage
VGT
VAK=6.0Vdc
RL=100
Ω
Tc =25℃
0.4
0.60
0.80
V
Tc =-40℃
0.5
0.75
1.00
Holding current
I H
VAK=12.0Vdc
RGK=1K
Ω
Tc =25℃
0.19
3.0
mA
Tc =-40℃
0.33
6.0
Tc=110℃
0.07
2.0
Latching current
I L
VAK=12.0Vdc
IG=20mA
Tc =25℃
0.20
5.0
mA
Tc =-40℃
0.35
7.0
Critical rate of rise of
off-state voltage
dv/dt
VAK=Rated VDRM, RGK=1K
Ω
TC=110℃
8.0
V/us
1 Cathode
2 ANODE
3 GATE
TO-126F
A
B
DIM
MILLIMETERS
8.3 MAX
A
B
11.3±0.3
C
C
4.15 TYP
D
D
3.2±0.2
E
E
2 0±0.2
F
F
2 8±0.1
G
3.2±0.1
G
H
H
1.27±0.1
I
I
1.40±0.1
K
K
15.5±0.2
L
L
0.76±0.1
M
M
2.28 TYP
O
P
O
4.56±0.1
P
0 6 MAX
1
2
3


Similar Part No. - C106B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C106B MOTOROLA-C106B Datasheet
98Kb / 4P
SCRs 4 AMPERES RMS 50 thru 600 VOLTS
logo
ON Semiconductor
C106B ONSEMI-C106B Datasheet
62Kb / 6P
Sensitive Gate Silicon Controlled Rectifiers
August, 2005 ??Rev. 8
logo
GE Solid State
C106B GESS-C106B Datasheet
37Kb / 1P
4-A Sensitive-Gate Silicon Controlled Rectifiers
logo
Central Semiconductor C...
C106B CENTRAL-C106B Datasheet
82Kb / 2P
4.0A SENSITIVE GATE SILICON CONTROLLED RECTIFIER 200 THRU 600 VOLTS
logo
Digitron Semiconductors
C106B DIGITRON-C106B Datasheet
156Kb / 3P
SILICON CONTROLLED RECTIFIER
More results

Similar Description - C106B

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
PCR0.6 JIANGSU-PCR0.6 Datasheet
525Kb / 3P
Silicon Planar PNPN Thyristor
logo
First Silicon Co., Ltd
C106DB FS-C106DB Datasheet
511Kb / 2P
Silicon Planar PNPN Thyristor (4A SCR)
C106M-Z FS-C106M-Z Datasheet
558Kb / 2P
Silicon Planar PNPN Thyristor (4A SCR)
MCR100-8S FS-MCR100-8S Datasheet
424Kb / 3P
Silicon Planar PNPN Thyristor
TYN610 FS-TYN610 Datasheet
239Kb / 2P
Silicon Planar PNPN Thyristor (10A SCR)
TYN610F FS-TYN610F Datasheet
316Kb / 2P
Silicon Planar PNPN Thyristor (10A SCR)
CP10C60 FS-CP10C60 Datasheet
316Kb / 2P
Silicon Planar PNPN Thyristor (12A SCR)
TYNA616 FS-TYNA616 Datasheet
142Kb / 3P
Silicon Planar PNPN Thyristor (16A SCR)
MCR703A FS-MCR703A Datasheet
550Kb / 2P
Silicon Planar PNPN Thyristor (4A SCR)
2022. 03. 29 Revision No : 0
MCRP8PA-6V FS-MCRP8PA-6V Datasheet
276Kb / 4P
Silicon Planar PNPN Thyristor (0.8A SCR)
2022. 04. 06 Revision No : 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com