Electronic Components Datasheet Search
  English  ▼

X  

E1A Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # E1A
Description  Super Fast Recovery Rectifier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

E1A Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  E1A Datasheet HTML 1Page - First Silicon Co., Ltd E1A Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
E1A ~ E1J
2012 08 30
2/2
Revision No : 0
■
Characteristics(Typical)
0
20
40
60
80
100
0.01
0.1
1.0
10
100
Voltage(%)
Tj=25℃
FIG4 Typical Reverse Characteristics
0
0
0 2
Ta℃)
FIG1 Io-Ta Curve
160
Single Phase
Half Wave 60Hz
Resistive Load
40
80
120
0.4
0 6
0 8
1.0
1 2
1
0
2
5
10
20
50
100
5
FIG2 Surge Forward Current Capadility
Number of Cycles
10
15
20
25
30
35
g
a
VR
D
RL
IF
0
IF
IR
IRR
t
trr
I
FIG.5 Diagram of circuit and Testing wave form of reverse recovery time



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com