Electronic Components Datasheet Search
  English  ▼

X  

FA2803P Datasheet(PDF) 7 Page - First Silicon Co., Ltd

Part # FA2803P
Description  Earth Leakage Detector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FA2803P Datasheet(HTML) 7 Page - First Silicon Co., Ltd

  FA2803P Datasheet HTML 1Page - First Silicon Co., Ltd FA2803P Datasheet HTML 2Page - First Silicon Co., Ltd FA2803P Datasheet HTML 3Page - First Silicon Co., Ltd FA2803P Datasheet HTML 4Page - First Silicon Co., Ltd FA2803P Datasheet HTML 5Page - First Silicon Co., Ltd FA2803P Datasheet HTML 6Page - First Silicon Co., Ltd FA2803P Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
2012.01.04
7/7
FA2803P/F
Revision No : 0
Typical Application
Supply voltage circuit is connected as a previous diagram. Please decide constants R1, R2, C4, and C5 of
a filter in order to keep at least 12V in V+, when normal supply current flows.
In this case, please connect C4 (more than 1uF) and C2 (less than 1uF). ZCT and load resistance RL of ZCT
are connected between input pin① and ②. In this case protective resistance (R3=100Ω) must be inserted.
Sensitivity current is regulated by RL, and output of amplifier shows in pin④. External capacitor C1 between
pin④ and GND is used for noise removal.
When large current is grounded in the primary side (AC line) of ZCT, the waveform in the secondary side of
ZCT is distorted and some signal doesn’t appear in the output of amplifier. So please connect a varistor or
a diode (2 pcs) to ZCT in parallel.
Latch circuit is used to inspect the output level of amplifier and to supply gate current on the external SCR.
When input pin becomes more than 1.1V (Typ.), latch circuit operates and supply gate current in the gate of
SCR connected to the output pin⑦.
Pin⑥ can be used in the open state, but please connect capacitor (about 0.047uF) between pin⑥ and pin⑦.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com