Electronic Components Datasheet Search
  English  ▼

X  

FA2803F Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FA2803F
Description  Earth Leakage Detector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FA2803F Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FA2803F Datasheet HTML 1Page - First Silicon Co., Ltd FA2803F Datasheet HTML 2Page - First Silicon Co., Ltd FA2803F Datasheet HTML 3Page - First Silicon Co., Ltd FA2803F Datasheet HTML 4Page - First Silicon Co., Ltd FA2803F Datasheet HTML 5Page - First Silicon Co., Ltd FA2803F Datasheet HTML 6Page - First Silicon Co., Ltd FA2803F Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2012.01.04
1/ 7
SEMICONDUCTOR
TEC HNIC AL D ATA
FA2803P/F
Re vis io n No : 0
8
5
1
4
Q
DIP-8
A
d
P
D
W
T
DIM MILLIMETERS
A
B
D
T
P
d
G
H
L
3 8 0 3
0 - 15
1 52 0 1
W
9 6 0 2
6 45 0 2
0 46 0 1
0 50 MIN
3 3 0 3
2 54
0 25+0 1/-0 05
7 62
Q
+
_
+
_
+
_
+
_
+
_
+
_
SOP-8
L
1
4
5
8
P
D
A
0 20+0 1/-0 05
P
T
1 27
MILLIMETERS
0 4 0 1
0 15+0 1/-0 05
4 85 0 2
B2
G
H
L
D
A
B1
DIM
6 02 0 3
1 63 0 2
0 65 0 2
3 94 0 2
+
_
+
_
+
_
+
_
+
_
+
_
Pin Assignment
Earth Leakage Detector
Description
The FA2803 is a semiconductor integrated circuit with
amplifier for a high speed earth leakage circuit breaker
The FA2803 circuit for the amplifying parts of earth
leakage circuit breaker consist of differential amplifier,
latch circuit and voltage regulator.
It is connected to the secondary node of zero-current
transformer (ZCT) which detects leakage current in the
both input of the differential amplifier.
Signals amplified by differential amplifier are integrated
by an external capacitor, and connects to the input
terminal of latch circuit with output suitable for the
characteristics of high-speed earth leakage circuit
breaker. Latch circuit keeps low in the output till
the input voltage reaches the fixed level, and output
becomes high when the leakage current is greater than
some level. It drives a thyristor connected to the
output terminal of latch circuit.
● Good temperature characteristics of input sensitivity current
High Input Sensitivity (VT = 13.5mVrms Typ.)
Low external component count
High noise and surge-proof
Low Power consumption (PD = 5mW) 100V/ 200V
100V/200V Common Built-in Voltage Regulator
Wide Operating Temperature Range (T
A =-40 to 85
℃)
●
●
●
●
●
●
Features
(Top view)
VR
IN
GND
V+
Os
NR
OD
Sc
1
2
3
4
8
7
6
5


Similar Part No. - FA2803F

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
FA2805-CL COILCRAFT-FA2805-CL Datasheet
177Kb / 1P
Flyback Transformers
FA2805-CL COILCRAFT-FA2805-CL Datasheet
143Kb / 1P
Flyback Transformers
FA2805-CL COILCRAFT-FA2805-CL Datasheet
128Kb / 1P
Flyback Transformers
FA2805-CLB COILCRAFT-FA2805-CLB Datasheet
128Kb / 1P
Flyback Transformers
FA2805-CLD COILCRAFT-FA2805-CLD Datasheet
143Kb / 1P
Flyback Transformers
More results

Similar Description - FA2803F

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54125L MITSUBISHI-M54125L Datasheet
146Kb / 6P
EARTH LEAKAGE CURRENT DETECTOR
logo
Fairchild Semiconductor
KA2803B FAIRCHILD-KA2803B Datasheet
147Kb / 12P
Earth Leakage Detector
KA2807 FAIRCHILD-KA2807 Datasheet
47Kb / 6P
Earth Leakage Detector
logo
Renesas Technology Corp
M54125L RENESAS-M54125L Datasheet
262Kb / 11P
Earth Leakage Current Detector
logo
Fairchild Semiconductor
KA2803B FAIRCHILD-KA2803B_11 Datasheet
690Kb / 11P
Earth Leakage Detector
logo
Unisonic Technologies
M54134 UTC-M54134_15 Datasheet
239Kb / 7P
EARTH LEAKAGE CURRENT DETECTOR
logo
ON Semiconductor
KA2803B ONSEMI-KA2803B Datasheet
1Mb / 13P
Earth Leakage Detector
January 2014 Rev. 1.0.8
logo
Unisonic Technologies
M54134 UTC-M54134_16 Datasheet
273Kb / 7P
EARTH LEAKAGE CURRENT DETECTOR
logo
First Silicon Co., Ltd
CC54123P FS-CC54123P Datasheet
674Kb / 7P
Earth Leakage Detector
logo
ON Semiconductor
KA2803 ONSEMI-KA2803 Datasheet
833Kb / 13P
Earth Leakage Detector
August, 2020 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com