Electronic Components Datasheet Search
  English  ▼

X  

FDR01F40 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDR01F40
Description  Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 0.1A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR01F40 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDR01F40 Datasheet HTML 1Page - First Silicon Co., Ltd FDR01F40 Datasheet HTML 2Page - First Silicon Co., Ltd FDR01F40 Datasheet HTML 3Page - First Silicon Co., Ltd FDR01F40 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2014. 04. 03
1/4
SEMICONDUCTOR
TECHNICAL DATA
Revision No : 0
FEATURES
UP SIDE
• Very Low Forward Voltage Drop
• Low Reverse Current
• 0.1 A of Continuous Forward Current
• ESD Rating −Human Body Model: Class 3B >8kv
−Machine Model: Class C >400V
• Very High Switching Speed
BACK SIDE
• These Devices are Pb−Free, Halogen Free/BFR Free
and are RoHS Compliant
Mechanical Data
Case: DSN-2(0201)
Terminals: Au Plated, solderable per
MIL-STD-750, Method 2026
Electrical Characteristic
Maximum & Thermal Characteristics Ratings at 25℃ ambient temperature unless other wise specified.
Parameter Symbol
Symbol
Unit
Device marking code
Maximum repetitive peak reverse
voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average forward rectified
current
IF(AV)
A
Peak forward surge current 8.3ms
single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
A
Typical thermal resistance (Note 1)
(Note 2)
RθJA
°C/W
Total Power Dissipation @ Ta = 25°C
PD
mW
Operating junction temperature range
TJ
°C
Storage temperature range
TSTG
°C
Electrical Characteristics Ratings at 25 C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
Unit
Maximum DC reverse current at rated
DC blocking voltage TA = 25℃
IR
uA
NOTES:
1. Mounted onto a 4 in square FR−4 board 50 mm sq. 1 oz. Cu 0.06” thick single sided. Operating to steady state.
2. Mounted onto a 4 in square FR−4 board 1 in sq. 1 oz. Cu 0.06” thick single sided. Operating to steady state.
V
50
FDR01F20
FDR01F30
FDR01F40
Maximum instantaneous forward
voltage at(IF = 0.01 A, TJ = 25°C)
(IF = 0.1 A, TJ = 25℃)
VF
0.37
0.43
0.37
0.43
0.40
0.46
–40 to +150
14
21
28
20
30
40
0.1
4
400
170
312
–40 to +125
01F20
01F30
01F40
20
30
40
Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 0.1A
FDR01F20
FDR01F30
FDR01F40
01F40
DSN-2(0201)
FDR01F20~FDR01F40


Similar Part No. - FDR01F40

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDR0520 FS-FDR0520 Datasheet
123Kb / 3P
Surface Mount Schottky Power Rectifier
FDR0520E FS-FDR0520E Datasheet
583Kb / 4P
SCHOTTKY BARRIER DIODE
FDR0530 FS-FDR0530 Datasheet
261Kb / 4P
Surface Mount Schottky Power Rectifier
FDR0530T1G FS-FDR0530T1G Datasheet
261Kb / 4P
Surface Mount Schottky Power Rectifier
FDR0530T3G FS-FDR0530T3G Datasheet
261Kb / 4P
Surface Mount Schottky Power Rectifier
More results

Similar Description - FDR01F40

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
1N5817 LRC-1N5817_12 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 1.0A
1N5817-E LRC-1N5817-E Datasheet
182Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 1.0A
1N5820 LRC-1N5820_12 Datasheet
205Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 3.0A
LMBR0540FT1G LRC-LMBR0540FT1G Datasheet
878Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 0.5A
LMBR0520ET1G LRC-LMBR0520ET1G Datasheet
422Kb / 11P
Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 0.5A
LMBR0530ET1G LRC-LMBR0530ET1G Datasheet
422Kb / 11P
Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 0.5A
logo
First Silicon Co., Ltd
FDR240F FS-FDR240F Datasheet
719Kb / 3P
Schottky Barrier Rectifiers Reverse Voltage 40V Forward Current 2.0A
logo
Shanghai Leiditech Elec...
1N5820 LEIDITECH-1N5820 Datasheet
583Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 3.0A
logo
AiT Semiconductor Inc.
MBR0520E AITSEMI-MBR0520E Datasheet
562Kb / 5P
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20 TO 40V FORWARD CURRENT 0.5A
REV1.0
MBR0520F AITSEMI-MBR0520F Datasheet
759Kb / 5P
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20 TO 40V FORWARD CURRENT 0.5A
REV1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com