Electronic Components Datasheet Search
  English  ▼

X  

FDS99U3 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDS99U3
Description  Dual Serise Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDS99U3 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDS99U3 Datasheet HTML 1Page - First Silicon Co., Ltd FDS99U3 Datasheet HTML 2Page - First Silicon Co., Ltd FDS99U3 Datasheet HTML 3Page - First Silicon Co., Ltd FDS99U3 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DEVICE MARKING
FDS99U = A7;
FDS99RU = F7
MAXIMUM RATINGS (Each Diode)
Rating
Symbol
Value
Unit
V
g
a
t
l
o
V
e
s
r
e
v
e
R
R
70
Vdc
I
t
n
e
r
r
u
C
d
r
a
w
r
o
F
F
215
mAdc
Peak Forward Surge Current
IFM(surge)
500
mAdc
Repetitive Peak Reverse Voltage
VRRM
70
V
Average Rectified Forward
IF(AV)
715
mA
Current (Note 1.)
(averaged over any 20 ms period)
Repetitive Peak Forward Current
IFRM
450
mA
Non–Repetitive Peak Forward Current
IFSM
A
t = 1.0
µ
0
.
2
s
0
.
1
s
m
0
.
1
=
t
5
.
0
S
0
.
1
=
t
1. FR–5 = 1.0
× 0.75 × 0.062 in.
Dual Serise
Switching Diodes
1
3
2
FDS99U
SOT-323 (SC-70)
FDS99RU
SOT-323 (SC-70)
3
CATHODE/ANODE
ANODE
1
CATHODE
2
FDS99U
3
CATHODE/ANODE
CATHODE
1
ANODE
2
FDS99RU
SOT–323(SC–70)
10000/Tape & Reel
SOT–323(SC–70)
10000/Tape & Reel
FDS99U
SOT–323(SC–70)
3000/Tape & Reel
FDS99RU
SOT–323(SC–70)
3000/Tape & Reel
Device
Package
Shipping
ORDERING INFORMATION
The FDS99U is a smaller package, equivalent to the FDS99S
Suggested Applications
• ESD Protection
• Polarity Reversal Protection
• Data Line Protection
• Inductive Load Protection
• Steering Logic
Features
FDS99RU3
• We declare that the material of product
compliance with RoHS requirements.
FDS99U / RU
2008. 11. 3
1/4
SEMICONDUCTOR
TECHNICAL DATA
Revision No : 0
FDS99U3


Similar Part No. - FDS99U3

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
FDS9926 ZPSEMI-FDS9926 Datasheet
382Kb / 5P
Dual N-Channel Enhancement Mode MOSFET
logo
Fairchild Semiconductor
FDS9926A FAIRCHILD-FDS9926A Datasheet
206Kb / 8P
Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDS9926A FAIRCHILD-FDS9926A Datasheet
117Kb / 5P
Dual N-Channel 2.5V Specified PowerTrench MOSFET
logo
VBsemi Electronics Co.,...
FDS9926A-NL VBSEMI-FDS9926A-NL Datasheet
986Kb / 7P
Dual N-Channel 20-V (D-S) MOSFET
logo
Fairchild Semiconductor
FDS9926A FAIRCHILD-FDS9926A_03 Datasheet
117Kb / 5P
Dual N-Channel 2.5V Specified PowerTrench MOSFET
More results

Similar Description - FDS99U3

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BAV99WT1 LRC-BAV99WT1 Datasheet
61Kb / 3P
Dual Serise Switching Diodes
LDAN202UT1 LRC-LDAN202UT1 Datasheet
79Kb / 3P
Dual Serise Switching Diodes
LBAV99WT1 LRC-LBAV99WT1 Datasheet
86Kb / 3P
Dual Serise Switching Diodes
LDAN202KLT1G LRC-LDAN202KLT1G_15 Datasheet
67Kb / 3P
Dual Serise Switching Diodes
LDAN202UT1G LRC-LDAN202UT1G_15 Datasheet
82Kb / 3P
Dual Serise Switching Diodes
logo
Yea Shin Technology Co....
BAV99W YEASHIN-BAV99W Datasheet
675Kb / 3P
Dual Serise Switching Diodes
BAV99W-A YEASHIN-BAV99W-A Datasheet
722Kb / 4P
Dual Serise Switching Diodes
logo
Leshan Radio Company
LDAN202KLT1G LRC-LDAN202KLT1G Datasheet
219Kb / 3P
Dual Serise Switching Diodes
logo
SHIKUES Electronics
BAV199 SKTECHNOLGY-BAV199 Datasheet
648Kb / 2P
Dual Serise Switching Diode
logo
AiT Semiconductor Inc.
DAN202U AITSEMI-DAN202U Datasheet
459Kb / 6P
SWITCHING DIODES DUAL SWITCHING DIODES
REV1.1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com