Electronic Components Datasheet Search
  English  ▼

X  

FDS160F Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDS160F
Description  Switchingdiode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDS160F Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDS160F Datasheet HTML 1Page - First Silicon Co., Ltd FDS160F Datasheet HTML 2Page - First Silicon Co., Ltd FDS160F Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOD-923
2
2
ANODE
1
CATHODE
1
2012. 1. 28
1/3
SEMICONDUCTOR
TECHNICAL DATA
FDS160F
Revision No : 0
Switching diode
• Applications
High speed switching
• Features
1) Extremely small surface mounting type.
2) High Speed.
3) High reliability.
• Construction
Silicon epitaxial planar
• We declare that the material of product
compliance with RoHS requirements.
S- Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC-Q101
Qualified and PPAP Capable.
•
ABSOLUTE MAXIMUM RATINGS (Ta = 25°C)
Parameter
Symbol
Limits
Unit
Peak reverse voltage
VRM
90
V
DC reverse voltage
VR
80
V
Peak forward current
I FM
225
mA
Mean rectifying current
I O
100
mA
Surge current (1s)
I surge
500
mA
Junction temperature
Tj
125
°C
Storage temperature
Tstg
– 55 ~ +125
°C
ELECTRICAL CHARACTERISTICS (Ta = 25°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward voltage
V F
–
–
1.2
V
I F=100mA
Reverse current
I R
–
–
0.1
µA
VR=80V
Capacitance between terminals
CT
–
0.72
3.0
pF
VR=0.5V , f=1MHz
Reverse recovery time
trr
–
–
4
n s
V R=6V , IF=10mA , RL=100
Device
Marking
Shipping
8000/Tape&Reel
FDS160F
3
ORDRING INFORMATION


Similar Part No. - FDS160F

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDS160 FS-FDS160 Datasheet
72Kb / 3P
Switching diode
FDS160E FS-FDS160E Datasheet
133Kb / 3P
Switching diode
FDS160ET1G FS-FDS160ET1G Datasheet
133Kb / 3P
Switching diode
FDS160G FS-FDS160G Datasheet
486Kb / 4P
High Speed Switching Diode
FDS160ULP FS-FDS160ULP Datasheet
283Kb / 2P
ULP-2 Plastic-Encapsulate Switching Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com