Electronic Components Datasheet Search
  English  ▼

X  

FA7029AF Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FA7029AF
Description  VOLTAGE DETECTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FA7029AF Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FA7029AF Datasheet HTML 1Page - First Silicon Co., Ltd FA7029AF Datasheet HTML 2Page - First Silicon Co., Ltd FA7029AF Datasheet HTML 3Page - First Silicon Co., Ltd FA7029AF Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VOLTAGE DETECTOR
Function of this IC is accurately resetting the system after
detecting voltage at the time of switching power on and instantaneous
power off in various CPU systems and other logic systems.
FEATURES
Current Consumption is Low. ICCL=300μA Typ. ICCH=30μA Typ.
Resetting Output Minimum Guarantee Voltage is Low 0.8V Typ.
Hysteresis Voltage is Provided. 50mV Typ.
Reset Signal Generation Starting Voltages :
Taping Type is also Available.
APPLICATIONS
(1) As Control Circuit of Battery-Backed Memory.
(2) As Measure Against Erroneous Operations at Power ON-OFF.
(3) As Measure Against System Runaway at Instantaneous Break
of Power Supply etc.
(4) As Resetting Function for the CPU-Mounted Equipment,
such as Personal Computers, Printers, VTRs and so forth.
VCC
OUT
GND
+
-
EQUIVALENT CIRCUIT
2019. 06. 19
1/4
SEMICONDUCTOR
TECHNICAL DATA
FA7019A/AF/AS
~ FA7045A/AF/AS
Revision No : 4
MAXIMUM RATINGS (Ta=25℃)
1. V
2. GND
3. OUT
CC
1. V
2. GND
3. OUT
CC
DIM
MILLIMETERS
A
B
D
E
SOT-23
2.9 0.2
1.6+0.2/-0.1
1.25 max
0.4 0.1
2.8+0.2/-0.3
1.9 0.2
0.95
0.15 0.05
0.00-0.10
0.25+0.25/-0.15
C
F
G
H
I
J
K
0.60
L
0.90
K
K
B
E
H
J
J
2
1
3
2
1
3
+
_
+
_
+
_
+
_
1. VCC
2. OUT
3. GND
Vcc
CHARACTERISTIC
SYMBOL
RATING
UNIT
℃
℃
Supply Voltage
Vcc
V
-0.3 ~ 15
Power Dissipation
(Package Limitation)
Operating Temperature
Storage Temperature
FA7019A~45A
FA7019AF~45AF
FA7019AS~45AS
PD
Topr
Tstg
400
500
350
-30 ~ 75
-55 ~ 150
㎽
SOT-89
DIM
A
B
D
E
G
H
K
4.70 MAX
2.50 0.20
1.70 MAX
0.45+0.15/-0.10
4.25 MAX
1.50 0.10
0.40 TYP
1.7 MAX
0.7 MIN
0.5+0.15/-0.10
C
J
G
D
A
C
K
F
MILLIMETERS
H
F
1
2
3
F
D
+
_
+
_
TO-92
DIM
MILLIMETERS
A
B
C
D
F
G
H
J
L
4.70 MAX
4.80 MAX
3.70 MAX
1.00
1.27
0.85
0.45
14.00 0.50
2.30
D
1
2
3
B
G
H
F
F
E
C
E
0.51 MAX
M
+
_
0.55 MAX
FA7019A/AF/AS 1.9V Typ.
FA7033A/AF/AS 3.3V Typ.
FA7021A/AF/AS 2.1V Typ.
FA7034A/AF/AS 3.4V Typ.
FA7023A/AF/AS 2.3V Typ.
FA7035A/AF/AS 3.5V Typ.
FA7025A/AF/AS 2.5V Typ.
FA7036A/AF/AS 3.6V Typ.
FA7027A/AF/AS 2.7V Typ.
FA7037A/AF/AS 3.7V Typ.
FA7029A/AF/AS 2.9V Typ.
FA7039A/AF/AS 3.9V Typ.
FA7031A/AF/AS 3.1V Typ.
FA7042A/AF/AS 4.2V Typ.
FA7045A/AF/AS 4.5V Typ.


Similar Part No. - FA7029AF

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA7610CN FUJI-FA7610CN Datasheet
89Kb / 7P
FA7610CPN/FA7612CPN/FA7617CPN Bipolar IC Switching Power Supply Control
FA7610CP FUJI-FA7610CP Datasheet
89Kb / 7P
FA7610CPN/FA7612CPN/FA7617CPN Bipolar IC Switching Power Supply Control
FA7610CPN FUJI-FA7610CPN Datasheet
89Kb / 7P
FA7610CPN/FA7612CPN/FA7617CPN Bipolar IC Switching Power Supply Control
FA7611 FUJI-FA7611 Datasheet
73Kb / 6P
Bipolar IC For Switching Power Supply Control
FA7611CP FUJI-FA7611CP Datasheet
73Kb / 6P
Bipolar IC For Switching Power Supply Control
More results

Similar Description - FA7029AF

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
VOLTAGE DETECTOR
logo
TelCom Semiconductor, I...
TC54 TELCOM-TC54 Datasheet
50Kb / 3P
VOLTAGE DETECTOR
logo
TOKO, Inc
TK610XX TOKO-TK610XX Datasheet
52Kb / 8P
VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
VOLTAGE DETECTOR
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
Voltage Detector
2007
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
VOLTAGE DETECTOR
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
VOLTAGE DETECTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com