Electronic Components Datasheet Search
  English  ▼

X  

FA7031AF Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FA7031AF
Description  VOLTAGE DETECTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FA7031AF Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FA7031AF Datasheet HTML 1Page - First Silicon Co., Ltd FA7031AF Datasheet HTML 2Page - First Silicon Co., Ltd FA7031AF Datasheet HTML 3Page - First Silicon Co., Ltd FA7031AF Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A2
M
Vout
GND
Vcc
A1
V1
FA70XXA/AF/AS
10uF/10V
TEST CIRCUIT 1.
TEST CIRCUIT 2.
FA70XXA/AF/AS
Vcc
GND
Vout
M
RL
10uF/10V
RL
L
C
Input
Pulse
0.2uF
/10V
5.0V
Vout
GND
Vcc
FA70XXA/AF/AS
C1
R1
Vout
GND
Vcc
FA70XXA/AF/AS
APPLICATION CIRCUIT
VCC
R2
LED
(1) BATTERY LOW INDICATOR
(2) CPU RESETTING
CC
V
5V
VCC
Reset
GND
VCC 5V
S
V
Delay Time for Power ON
Reset
(NOTE)
(1) Connecting of LED and R2 obtains a voltage drop indicator.
(2) Connecting of C1 and selection of time constant with C1 and R1 set
the power on delay time.
CPU
2019. 06. 19
3/4
FA7019A/AF/AS ~ FA7045A/AF/AS
Revision No : 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com