Electronic Components Datasheet Search
  English  ▼

X  

UPD720113 Datasheet(PDF) 9 Page - NEC

Part # UPD720113
Description  USB 2.0 HUB CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720113 Datasheet(HTML) 9 Page - NEC

Back Button UPD720113 Datasheet HTML 5Page - NEC UPD720113 Datasheet HTML 6Page - NEC UPD720113 Datasheet HTML 7Page - NEC UPD720113 Datasheet HTML 8Page - NEC UPD720113 Datasheet HTML 9Page - NEC UPD720113 Datasheet HTML 10Page - NEC UPD720113 Datasheet HTML 11Page - NEC UPD720113 Datasheet HTML 12Page - NEC UPD720113 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Data Sheet S16618EJ3V0DS
9
µPD720113
Terms Used in DC Characteristics
Parameter
Symbol
Meaning
Off-state output leakage current
IOZ
Indicates the current that flows into a 3-state output pin when it is in a high-
impedance state and a voltage is applied to the pin.
Output short circuit current
IOS
Indicates the current that flows from an output pin when it is shorted to GND
while it is at high-level.
Input leakage current
II
Indicates the current that flows into an input pin when a voltage is applied to
the pin.
Low-level output current
IOL
Indicates the current that can flow into an output pin in the low-level state
without raising the output voltage above the specified VOL.
High-level output current
IOH
Indicates the current that can flow out of an output pin in the high-level state
without reducing the output voltage below the specified VOH. (A negative
current indicates current flowing out of the pin.)
2.3
Electrical Specifications
Absolute Maximum Ratings
Parameter
Symbol
Condition
Rating
Unit
Power supply voltage
VDD33
−0.5 to +4.6
V
VDD25
−0.5 to +3.6
V
AVDD
−0.5 to +3.6
V
Input/output voltage
VI/VO
2.5 V input/output voltage
2.3 V
≤ VDD25 ≤ 2.7 V
VI /VO
< VDD25 + 0.9 V
−0.5 to +3.6
V
3.3 V input/output voltage
3.0 V
≤ VDD33 ≤ 3.6 V
VI /VO
< VDD33 + 1.0 V
−0.5 to +4.6
V
5 V input/out voltage
3.0 V
≤ VDD33 ≤ 3.6 V
VI /VO
< VDD33 + 3.0 V
−0.5 to +6.6
V
Output current
IO
IOL = 3 mA
IOL = 6 mA
IOL = 12 mA
10
20
40
mA
mA
mA
Operating temperature
TA
0 to
+70
°C
Storage temperature
Tstg
−65 to +150
°C
Caution Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameters. That is, the absolute maximum ratings are rated values at which the product is on the
verge of suffering physical damage, and therefore the product must be used under conditions
that ensure that the absolute maximum ratings are not exceeded.
The ratings and conditions indicated for DC characteristics and AC characteristics represent the
quality assurance range during normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com