Electronic Components Datasheet Search
  English  ▼

X  

OB2268 Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # OB2268
Description  Current Mode PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

OB2268 Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  OB2268 Datasheet HTML 1Page - Lite-On Technology Corporation OB2268 Datasheet HTML 2Page - Lite-On Technology Corporation OB2268 Datasheet HTML 3Page - Lite-On Technology Corporation OB2268 Datasheet HTML 4Page - Lite-On Technology Corporation OB2268 Datasheet HTML 5Page - Lite-On Technology Corporation OB2268 Datasheet HTML 6Page - Lite-On Technology Corporation OB2268 Datasheet HTML 7Page - Lite-On Technology Corporation OB2268 Datasheet HTML 8Page - Lite-On Technology Corporation OB2268 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
©On-Bright Electronics
Confidential
A Liteon Semiconductor Company
- 2 -
V2.1
OB2268
OB2269
Current Mode PWM Controller
GENERAL INFORMATION
Pin Configuration
The OB2268/9 is offered in DIP and SOP packages
shown as below.
Ordering Information
Part Number
Description
OB2268AP
No Frequency Shuffling,
DIP8, Pb-free
OB2268APV
No Frequency Shuffling,
DIP8, Pb-free and no OVP
OB2269CP
With Frequency Shuffling,
SOP8, Pb-free
OB2269CPV
With Frequency Shuffling,
SOP8, Pb-free and no OVP
Package Dissipation Rating
Package
R
θJA (°C/W)
DIP8
90
SOP8
150
Absolute Maximum Ratings
Parameter
Value
VDD Input Voltage
36 V
VIN Input Voltage
36 V
VDD Clamp Continuous Current
10 mA
VFB Input Voltage
-0.3 to 7V
VSENSE Input Voltage to Sense
Pin
-0.3 to 7V
VRT Input Voltage to RT Pin
-0.3 to 7V
VRI Input Voltage to RI Pin
-0.3 to 7V
Min/Max Operating Junction
Temperature TJ
-20 to 150
oC
Min/Max Storage Temperature
Tstg
-55 to 150
oC
Note: Stresses beyond those listed under “absolute maximum
ratings” may cause permanent damage to the device. These are
stress ratings only, functional operation of the device at these or
any other conditions beyond those indicated under “recommended
operating conditions” is not implied. Exposure to absolute
maximum-rated conditions for extended periods may affect device
reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com