Electronic Components Datasheet Search
  English  ▼

X  

OVM7690 Datasheet(PDF) 1 Page - OmniVision Technologies, Inc.

Part # OVM7690
Description  640 x 480 CameraCube??device
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OVM7690 Datasheet(HTML) 1 Page - OmniVision Technologies, Inc.

  OVM7690 Datasheet HTML 1Page - OmniVision Technologies, Inc. OVM7690 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The OVM7690 is a three dimensional reflowable total
camera solution based on OmniVision's innovative
CameraCube™ technology. The OVM7690 combines the full
functionality of a single chip image sensor, embedded
processor and wafer-level optics in the industry's smallest
profile package (2.5 x 2.9 x 2.5 mm), making it ideal for
today's ultra-slim applications such as mobile phones
and notebook PCs.
Because CameraCube technology delivers a complete
all-in-one camera solution, manufacturing is significantly
streamlined. As with any other surface mount device,
the reflowable OVM7690 can be directly soldered to
the printed circuit board (PCB), with no socket or insertion
required, thus eliminating the need for additional
components, resulting in reduced cost and faster
time-to-market.
Unlike traditional camera module designs that combine
image sensors and lenses in a barrel, OmniVision
available in
a lead-free
package
OVM7690
Simplify Mobile Phone Design with the Industry’s
Smallest Profile Total Camera Solution
CameraCube devices are assembled using wafer level
alignment tools. The lens can be placed directly on the
chip scale package (CSP), rather than glued onto
the flex or interposer.
The OVM7690 operates at up to 30 frames per second
(fps) in VGA resolution with complete user control over
image quality, formatting and output data transfer.
Enabling output of 640 x 480 pixels allows users to
perform image stabilization functions with post
processing. All required image processing functions,
including exposure, gamma, white balance, color saturation
and hue control are programmable through the SCCB
interface. Elimination of image contamination issues such
as fixed pattern noise, smearing, and blooming produces a
clean, fully stable color image.
Find out more at www.ovt.com.
product brief
640 x 480
CameraCube™ device
Downloaded from
Arrow.com.


Similar Part No. - OVM7690

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OVM7692 OMNIVISION-OVM7692 Datasheet
792Kb / 2P
OVM7692 CameraCubeChip product brief
OVM7695 OMNIVISION-OVM7695 Datasheet
1Mb / 2P
OVM7695 VGA product brief
More results

Similar Description - OVM7690

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-640X480A VISHAY-LCD-640X480A Datasheet
121Kb / 2P
640 X 480 DOTS GRAPHIC LCD
01-Oct-02
logo
List of Unclassifed Man...
OV7640 ETC1-OV7640 Datasheet
291Kb / 20P
OV7640 Color CMOS VGA (640 x 480) CAMERACHIP OV7141 B&W CMOS VGA (640 x 480) CAMERACHIP
logo
Hantronix,Inc
HDM6448-A HANTRONIX-HDM6448-A Datasheet
26Kb / 1P
640 X 480 10.4 VGA Monochrome
HDM6448C HANTRONIX-HDM6448C Datasheet
51Kb / 1P
640 X 480 10.4 VGA Color
HDM6448C-7 HANTRONIX-HDM6448C-7 Datasheet
29Kb / 1P
640 X 480 7.5 Single Scan VGA Color
HDM6448-1 HANTRONIX-HDM6448-1 Datasheet
27Kb / 1P
640 X 480 9.5 VGA Monochrome
logo
LG Semicon Co.,Ltd.
LB064V02 LG-LB064V02 Datasheet
205Kb / 24P
6.4 V (640 X RGB X 480 ) TFT LCD
logo
AAEON Technology
AWK-3004 AAEON-AWK-3004 Datasheet
671Kb / 2P
10.4??VGA (640 x 480) Color TFT LCD
logo
Hantronix,Inc
HDM6448-6 HANTRONIX-HDM6448-6_15 Datasheet
157Kb / 15P
640 x 480 GRAPHICS LCD DISPLAY MODULE
HDM6448-1 HANTRONIX-HDM6448-1_15 Datasheet
149Kb / 15P
640 x 480 GRAPHICS LCD DISPLAY MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com