Electronic Components Datasheet Search
  English  ▼

X  

SI7201 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # SI7201
Description  Si720x Switch/Latch Hall Effect Magnetic Position Sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI7201 Datasheet(HTML) 4 Page - Silicon Laboratories

  SI7201 Datasheet HTML 1Page - Silicon Laboratories SI7201 Datasheet HTML 2Page - Silicon Laboratories SI7201 Datasheet HTML 3Page - Silicon Laboratories SI7201 Datasheet HTML 4Page - Silicon Laboratories SI7201 Datasheet HTML 5Page - Silicon Laboratories SI7201 Datasheet HTML 6Page - Silicon Laboratories SI7201 Datasheet HTML 7Page - Silicon Laboratories SI7201 Datasheet HTML 8Page - Silicon Laboratories SI7201 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Current Consumption
Average power depends on the
sample rate and percent of time
spent sampling versus sleep mode
or idle mode. See the ordering
guide for average power calcula-
tions for specific devices.
IDD
Sleep timer enabled average at
VDD = 3.3 V and 200 msec sleep
time
0.4
μA
Sleep mode
VDD = 3.3 V, T = 25 °C
VDD = 3.3 V, T = 70 °C
VDD = 5.5 V, T = 125 °C
50
1000
5000
nA
nA
nA
Conversion in progress
VDD = 1.8V
VDD = 3.3 V
VDD = 5.5 V
3.5
5
6.8
5.5
6
8.0
mA
Conversion in progress high volt-
age parts
VDD = 3.3 to 26.5 V
6.5
8.5
mA
Idle mode low voltage parts
VDD = 1.71 to 5.5 V
0.6
1
mA
Idle mode high voltage parts
VDD = 3.3 to 26.5 V
0.9
1.2
mA
Conversion Time
TCONV
First conversion when waking from
sleep or idle
11
µs
Additional conversions in a burst
8.8
µs
Sample Rate
FSAMPLE Parts can be configured for sleep
or idle between samples. Sleep is
lower power, but the fastest sam-
pling rate is 8 kHz. Idle allows sam-
pling rate to be configured to be as
high as 113 kHz. See the ordering
guide for details.
-
Wake Up Time
TWAKE
Time from VDD > 1.71 V to first
measurement
1
msec
Note:
1. TAMPERb and DIS pin specifications apply when the pin is present (Si7203/4).
2. Idle time can be factory programmed from 13.2 μsec to 206 msec ±10% or set to zero in which case conversions are done every
8.8 μsec. Normally idle time is only used at higher sample speeds.
3. For high voltage parts (VDD = 26.5 V maximum), the power on ramp should be faster than 10 V per second in the start-up region
from 2 to 3 V.
Si720x Switch/Latch Hall Effect Magnetic Position Sensor Data Sheet
Electrical Specifications
silabs.com | Building a more connected world.
Rev. 1.2 | 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com