Electronic Components Datasheet Search
  English  ▼

X  

PCF7936AS3851 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCF7936AS3851
Description  Security Transponder (HITAG2)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF7936AS3851 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCF7936AS3851 Datasheet HTML 1Page - NXP Semiconductors PCF7936AS3851 Datasheet HTML 2Page - NXP Semiconductors PCF7936AS3851 Datasheet HTML 3Page - NXP Semiconductors PCF7936AS3851 Datasheet HTML 4Page - NXP Semiconductors PCF7936AS3851 Datasheet HTML 5Page - NXP Semiconductors PCF7936AS3851 Datasheet HTML 6Page - NXP Semiconductors PCF7936AS3851 Datasheet HTML 7Page - NXP Semiconductors PCF7936AS3851 Datasheet HTML 8Page - NXP Semiconductors PCF7936AS3851 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
NXP Semiconductors
Product Specification
Security Transponder (HITAG2)
PCF7936AS
2010 May 04
4
CONFIDENTIAL
1
FEATURES
• Security
Transponder
for
use
in
contactless
authentication applications
• Data transmission and energy supply via LF link
• 32 bit quasi unique device identification (serial number)
and product type identification.
• Fast mutual authentication, 39ms
• 48 bit Secret Key
• 256 bit EEPROM for user data storage (128 bit) and
device configuration/personalization (128 bit)
• EEPROM read/write protection features
• 20 years non-volatile data retention
• More than 100 000 EEPROM erase/write cycles
• Once the memory has been erased by UV, access is
denied
• Read Only emulation modes (H400x, ISO 11784/85 and
PCF7931)
• Excellent sensitivity in read and write mode
• Automotive temperature range: -40°C to +85°C
• Leadless plastic stick package
2
GENERAL DESCRIPTION
The
PCF7936AS is a high performance automotive proof
Security
Transponder
for
vehicle
Immobilization
applications, where the transponder has to identify itself
towards the basestation as an authorized device.
The Security Transponder derives its power supply from
the magnetic field (LF field) established by the basestation.
No additional battery supply is needed. Data is transmitted
by modulating the LF field.
The Security Transponder features secure contactless
authentication, employing a Secret Key and a random
number in order to cipher any communication between the
device and the basestation. The secure contactless
authentication is ideally suited for vehicle immobilization
applications. In addition, the device features a factory
programmed quasi unique serial number that also serves
as product type identification.
If desired, the device may be operated as a Read/write
transponder with access control by password or as a
Read Only transponder.
3
ORDERING INFORMATION
EXTENDED
PACKAGE
TEMPERATURE
TYPE NUMBER
NAME
DESCRIPTION
OUTLINE VERSION
RANGE (°C)
PCF 7936AS/3851
SOT3851
leadless plastic stick package
SOT385-1
-40°C to +85°C
PCF 7936AS/3851/C
SOT3851
leadless plastic stick package
SOT385-1
-40°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com