Electronic Components Datasheet Search
  English  ▼

X  

PM6697HTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # PM6697HTR
Description  VR13 single phase controller
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6697HTR Datasheet(HTML) 1 Page - STMicroelectronics

  PM6697HTR Datasheet HTML 1Page - STMicroelectronics PM6697HTR Datasheet HTML 2Page - STMicroelectronics PM6697HTR Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For further information contact your local STMicroelectronics sales office.
March 2017
DocID030420 Rev 1
1/3
PM6697H
VR13 single phase controller
Data brief
Features
 Single phase controller Intel® VR13™
compliant w/ 25 MHz SVID bus rev. 1.7
 High-performance STVCOT™ control loop
 Selectable PWM switching frequency,
maximum current, DVID slew rate, load line
 External power MOSFET support
 Remote sense; 0.5% Vout accuracy with
calibration
 Ultrasonic mode at light loads
 Programmable voltage positioning
 OV, UV and FB disconnection protection
 Package VFQFPN20 3 x 3 mm
Applications
 Power regulation for VR13 based Intel based
microprocessors
 Power regulation for Denverton Intel based
systems
Description
The PM6697H is a high-performance single
phase controller designed to power Intel VR13
power rails. All required parameters are
programmable through dedicated pinstrapping.
The STVCOT control loop provides fast load
transient response minimizing and optimizing the
output filter composition.
The device assures fast and independent
protection against the load overcurrent,
under/overvoltage and feedback disconnections.
The device is available in a VFQFPN20 3 x 3 mm
package.
VFQFPN20 3 x 3 mm
Table 1. Device summary
Order code
Package
Packing
PM6697HTR VFQFPN20 3 x 3 mm
Tape and reel
www.st.com


Similar Part No. - PM6697HTR

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PM66 PROTEC-PM66 Datasheet
704Kb / 2P
51-65 WATT MEDICAL SWITCHING POWER SUPPLIES
logo
Powerbox
PM66 POWERBOX-PM66 Datasheet
622Kb / 2P
51-65 WATTS SINGLE OUTPUT AC/DC MEDICAL
logo
Protek Devices
PM66-10A PROTEC-PM66-10A Datasheet
704Kb / 2P
51-65 WATT MEDICAL SWITCHING POWER SUPPLIES
logo
Powerbox
PM66-10A POWERBOX-PM66-10A Datasheet
622Kb / 2P
51-65 WATTS SINGLE OUTPUT AC/DC MEDICAL
logo
Protek Devices
PM66-12A PROTEC-PM66-12A Datasheet
704Kb / 2P
51-65 WATT MEDICAL SWITCHING POWER SUPPLIES
More results

Similar Description - PM6697HTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6726A STMICROELECTRONICS-L6726A Datasheet
436Kb / 24P
Single phase PWM controller
26-Oct-2006
L6726A STMICROELECTRONICS-L6726A_07 Datasheet
464Kb / 24P
Single phase PWM controller
30-Jul-2007
logo
Texas Instruments
TPS53627 TI1-TPS53627 Datasheet
769Kb / 11P
2-Phase, D-CAP Step-Down Controller for VR13 CPU VCORE and DDR Memory
logo
Renesas Technology Corp
ISL69133 RENESAS-ISL69133 Datasheet
231Kb / 2P
Digital, Dual Output, 4-Phase Configurable, VR13/IMVP8 PWM Controller
ISL69138 RENESAS-ISL69138 Datasheet
242Kb / 2P
Digital, Dual Output, 7-Phase Configurable, VR13/IMVP8 PWM Controller
ISL69158 RENESAS-ISL69158 Datasheet
236Kb / 2P
Digital Dual Output, 7-Phase Configurable, VR13/VR13.HC/IMVP8 PWM Controller
ISL69124 RENESAS-ISL69124 Datasheet
187Kb / 2P
Digital Dual Output, 4-Phase Configurable, VR13 PWM Controller
Jan 4, 2018
ISL69125 RENESAS-ISL69125 Datasheet
181Kb / 2P
Digital Dual Output, 4-Phase Configurable, VR13 PWM Controller
Jan 4, 2018
ISL69127 RENESAS-ISL69127 Datasheet
177Kb / 2P
Digital Dual Output 61-Phase VR13 PWM Controller
Jan 12, 2018
ISL69128 RENESAS-ISL69128 Datasheet
180Kb / 2P
Digital Dual Output, 7-Phase Configurable, VR13/IMVP8 PWM Controller
Jan 12, 2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com