Electronic Components Datasheet Search
  English  ▼

X  

HC-06 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # HC-06
Description  BC04 has external 8M Flash and EDR module HC-06 is industrial, and compatible with civil HC-04
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HC-06 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button HC-06 Datasheet HTML 4Page - List of Unclassifed Manufacturers HC-06 Datasheet HTML 5Page - List of Unclassifed Manufacturers HC-06 Datasheet HTML 6Page - List of Unclassifed Manufacturers HC-06 Datasheet HTML 7Page - List of Unclassifed Manufacturers HC-06 Datasheet HTML 8Page - List of Unclassifed Manufacturers HC-06 Datasheet HTML 9Page - List of Unclassifed Manufacturers HC-06 Datasheet HTML 10Page - List of Unclassifed Manufacturers HC-06 Datasheet HTML 11Page - List of Unclassifed Manufacturers HC-06 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Guangzhou HC Information Technology Co., Ltd.
www.wavesen.com
Phone: 020-84083341
Fax: 020-84332079
QQ:1043073574
Address: Room 527, No.13, Jiangong Road, Tianhe software park, Tianhe district, Guangzhou
Post: 510660
Technology consultant: support@wavesen.com
Business consultant:sales@wavesen.com
Complaint and suggestion
: sunbirdit@hotmail.com
pull-up
SPI_CLK
19
CMOS input with
weak internal
pull-down
Serial peripheral interface clock
SPI_MISO
18
CMOS input with
weak internal
pull-down
Serial peripheral interface data
Output
USB_-
15
Bi-Directional
USB_+
20
Bi-Directional
1.8V
14
1.8V external power supply input
Default :
1.8V
internal powe
r supply.
PCM_CLK
5
Bi-Directional
PCM_OUT
6
CMOS output
PCM_IN
7
CMOS Input
PCM_SYNC
8
Bi-Directional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com