Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-3DP001V1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-3DP001V1
Description  Discovery board for 3D printer including 6-axis stepper motor driver based on the L6474H
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-3DP001V1 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-3DP001V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-3DP001V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-3DP001V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-3DP001V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-3DP001V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-3DP001V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-3DP001V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-3DP001V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-3DP001V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Board specifications
STEVAL-3DP001V1
2/11
DocID029165 Rev 2
1
Board specifications
Table 1: STEVAL-3DP001V1 specifications
Parameters
Value
Supply voltage
12 V
Extruder supply voltage (VDD_power)
12 V
Motor supply voltage (VDD_power)
12 V
Bed supply voltage
12 V or 24 V
Logic supply voltage (VDD_5V)
5 V
Logic supply current (VDD_5V)
Up to 1.5 A
Logic supply voltage (VDD_3V3)
3.3 V
Logic supply voltage (VDD_3V3)
Up to 1 A
USB dongle supply voltage
5 V
USB dongle supply voltage
Up to 0.5 A
Operating temperature
0 to 85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com