Electronic Components Datasheet Search
  English  ▼

X  

HMA41GR7AFR8N Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # HMA41GR7AFR8N
Description  DDR4 SDRAM Registered DIMM Based on 4Gb A-die
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMA41GR7AFR8N Datasheet(HTML) 2 Page - Hynix Semiconductor

  HMA41GR7AFR8N Datasheet HTML 1Page - Hynix Semiconductor HMA41GR7AFR8N Datasheet HTML 2Page - Hynix Semiconductor HMA41GR7AFR8N Datasheet HTML 3Page - Hynix Semiconductor HMA41GR7AFR8N Datasheet HTML 4Page - Hynix Semiconductor HMA41GR7AFR8N Datasheet HTML 5Page - Hynix Semiconductor HMA41GR7AFR8N Datasheet HTML 6Page - Hynix Semiconductor HMA41GR7AFR8N Datasheet HTML 7Page - Hynix Semiconductor HMA41GR7AFR8N Datasheet HTML 8Page - Hynix Semiconductor HMA41GR7AFR8N Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 79 page
background image
Rev. 1.6 / Mar.2016
2
Revision History
Revision No.
History
Draft Date
Remark
0.1
Initial Release
Dec.2014
1.0
IDD Specification update
May.2015
1.1
Module dimension update(PCB)
Jun.2015
1.2
Corrected IDD value of HMA41GR7AFR8N
Jul.2015
1.3
Corrected Pin Assignments
Jul.2015
1.4
Changed Module Dimension
Oct.2015
1.5
Updated JEDEC Specification
Changed Speed Bin : 2666Mbps CL9(VK)
Dec.2015
1.6
Updated 2133Mbps (tCK(min) : 0.938ns -> 0.937ns)
Updated JEDEC Specification
Mar.2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com