Electronic Components Datasheet Search
  English  ▼

X  

STM32F411 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F411
Description  Discovery kit for STM32F411 line
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F411 Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F411 Datasheet HTML 1Page - STMicroelectronics STM32F411 Datasheet HTML 2Page - STMicroelectronics STM32F411 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For further information contact your local STMicroelectronics sales office.
November 2014
DocID027078 Rev 1
1/3
32F411EDISCOVERY
Discovery kit for STM32F411 line
Data brief
Features
 STM32F411VET6 microcontroller featuring
512 KB of Flash memory, 128 KB of RAM in an
LQFP100 package
 On-board ST-LINK/V2 with selection mode
switch to use the kit as a standalone ST-
LINK/V2 (with SWD connector for
programming and debugging)
 Board power supply: through USB bus or from
an external 5 V supply voltage
 External application power supply: 3 V and 5 V
 L3GD20: ST MEMS motion sensor 3-axis
digital output gyroscope
 LSM303DLHC: ST MEMS system-in-package
featuring a 3D digital linear acceleration sensor
and a 3D digital magnetic sensor
 MP45DT02: ST MEMS audio sensor,
omnidirectional digital microphone
 CS43L22, audio DAC with integrated class D
speaker driver
 Eight LEDs:
– LD1 (red/green) for USB communication
– LD2 (red) for 3.3 V power on
– Four user LEDs:
LD3 (orange), LD4 (green), LD5 (red) and
LD6 (blue)
– Two USB OTG LEDs:
LD7 (green) VBus and LD8 (red) over-
current
 Two push-buttons (user and reset)
 USB OTG with micro-AB connector
 Extension header for LQFP100 I/Os for a quick
connection to the prototyping board and an
easy probing
 Comprehensive free software including a
variety of examples, part of STM32CubeF4
package or STSW-STM32136 for legacy
Standard Libraries usage
Description
The Discovery kit for STM32F411 line helps you
to discover the entry level microcontrollers of the
STM32 F4 series and to develop your
applications easily. It offers everything required
for beginners and experienced users to get
started quickly.
Based on the STM32F411VET6, it includes an
ST-LINK/V2 embedded debug tool, a gyroscope,
an e-compass and digital microphone ST MEMs,
an audio DAC with an integrated class D speaker
driver, an OTG micro-AB connector, LEDs and
push-buttons.
www.st.com


Similar Part No. - STM32F411

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F411 STMICROELECTRONICS-STM32F411 Datasheet
3Mb / 26P
STM32 development boards
STM32F411CC STMICROELECTRONICS-STM32F411CC Datasheet
2Mb / 149P
ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
December 2016 Rev 6
STM32F411CCU6TR STMICROELECTRONICS-STM32F411CCU6TR Datasheet
2Mb / 149P
ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
December 2016 Rev 6
STM32F411CCY6TR STMICROELECTRONICS-STM32F411CCY6TR Datasheet
2Mb / 149P
ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
December 2016 Rev 6
STM32F411CE STMICROELECTRONICS-STM32F411CE Datasheet
2Mb / 149P
ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
December 2016 Rev 6
More results

Similar Description - STM32F411

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1525 STMICROELECTRONICS-UM1525 Datasheet
2Mb / 41P
Discovery kit for STM32 F0 microcontrollers
30-May-2012
logo
List of Unclassifed Man...
UM1472 ETC2-UM1472 Datasheet
1,004Kb / 42P
Discovery kit for STM32F407/417 lines
logo
STMicroelectronics
32L0538DISCOVERY STMICROELECTRONICS-32L0538DISCOVERY Datasheet
377Kb / 4P
Discovery kit for STM32L0 Series
12-Jan-2016
32F0308DISCOVERY STMICROELECTRONICS-32F0308DISCOVERY Datasheet
295Kb / 3P
Discovery kit for STM32F030 Value Line
29-Sep-2014
32F3348DISCOVERY STMICROELECTRONICS-32F3348DISCOVERY Datasheet
393Kb / 4P
Discovery kit for STM32F334 line
12-Jan-2016
32L100CDISCOVERY STMICROELECTRONICS-32L100CDISCOVERY Datasheet
293Kb / 3P
Discovery kit for STM32L100 Value Line
29-Sep-2014
UM1574 STMICROELECTRONICS-UM1574 Datasheet
1Mb / 48P
Discovery kit for STM8A microcontrollers
15-Nov-2012
32F072BDISCOVERY STMICROELECTRONICS-32F072BDISCOVERY Datasheet
233Kb / 5P
Discovery kit for STM32F072xx microcontrollers
19-Mar-2020
UM1919 STMICROELECTRONICS-UM1919 Datasheet
3Mb / 37P
STM32CubeL4 demonstration firmware for 32L476GDISCOVERY discovery kit
17-Jul-2015
STM8A-DISCOVERY STMICROELECTRONICS-STM8A-DISCOVERY Datasheet
232Kb / 4P
STM8A-DISCOVERY Discovery kit for STM8A microcontrollers
15-Nov-2012
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com