Electronic Components Datasheet Search
  English  ▼

X  

VSC7449-01 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # VSC7449-01
Description  52-Port L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7449-01 Datasheet(HTML) 2 Page - Microsemi Corporation

  VSC7449-01 Datasheet HTML 1Page - Microsemi Corporation VSC7449-01 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Microsemi Corporation (Nasdaq: MSCC) offers a comprehensive portfolio of semiconductor and system solutions for com-
munications, defense and security, aerospace, and industrial markets. Products include high-performance and radiation-
hardened analog mixed-signal integrated circuits, FPGAs, SoCs, and ASICs; power management products; timing and
synchronization devices and precise time solutions; voice processing devices; RF solutions; discrete components; enter-
prise storage and communications solutions, security technologies, and scalable anti-tamper products; Ethernet solutions;
Power-over-Ethernet ICs and midspans; custom design capabilities and services. Microsemi is headquartered in Aliso Viejo,
California, and has approximately 4,800 employees worldwide. Learn more at www.microsemi.com.
Microsemi Corporate Headquarters
One Enterprise, Aliso Viejo, CA 92656 USA
Within the USA: +1 (800) 713-4113
Outside the USA: +1 (949) 380-6100
Sales: +1 (949) 380-6136
Fax: +1 (949) 215-4996
email: sales.support@microsemi.com
www.microsemi.com
©2015–2016 Microsemi Corporation. All rights reserved. Microsemi and the Microsemi logo are registered trademarks of Microsemi Corporation. All other trademarks
and service marks are the property of their respective owners.
VPPD-03927. 1.0. 4/16
DDR3
Memory Controller
JTAG, SPI
MIPS CPU
PCIe
SyncE
GPIOs
1G SGMII
100BASE-FX
1G SGMII,
2.5G SGMII
QSGMII
XAUI/RXAUI
100BASE-FX
1G SGMII
2.5G SGMII
SFI
100BASE-FX
L2 and L3 Forwarding
Shared Queue System
QoS, Flow Control, Buffer Management,
Discard Service Statistics
Policers
Arrival Service Statistics
TCAM-Based Classification,
QoS, ACLs
Shapers and Schedulers
TCAM-Based Editing
Translation, Remarking,
Departure Service Statistics
Port Modules
Features
• Main port configurations: 36 × 1G SGMII, 32 × 1G SGMII +
4 × 10G (SFI/XAUI/RXAUI), 12 × QSGMII + 4 × 10G (SFI/XAUI/
RXAUI), 24 × 2.5G SGMII + 4 × 10G (SFI/XAUI/RXAUI)
• Additional 10/100/1000 Mbps SGMII/SerDes node processor
• Integrated 500 MHz MIPS 24KEc CPU with MMU and DDR3/
DDR3L SDRAM controller
• PCIe 1.x CPU interface
• Internal shared memory buffer (8 queues per port)
• Jumbo frame support
• Strict priority and DWRR scheduler/shaper
Layer 2 Switching and Layer 3 Forwarding
• 802.1Q VLAN switch with 32K MACs and 4K VLANs
• Push/pop/translate up to three VLAN tags on ingress and
egress
• Policing with storm control and MC/BC protection
• RSTP and MSTP support
• Independent and shared VLAN learning (IVL, SVL)
• Hardware- and software-based learning
• TCAM-based classification and VCAP-II security
• Layer 3 unicast and multicast routing
Multicast
• Layer 2
• IPv4 and IPv6
• IGMP and MLD
Industrial Ethernet
• Integrated timing: VeriTime™ (1588v2) and SyncE support
• Ethernet ring protection switching (ERPS)
Key Specifications
• 27 mm × 27 mm FCBGA
• –40 °C to 110 °C operating temperature
Related Products
Visit www.microsemi.com for information about these related
products:
• SparX-III nonstackable GbE switches with integrated copper
PHYs
• VSC8512 and VSC8522 12-port copper PHYs
• Unified API, WebStaX™, and SMBStaX™ software
VSC7449-01
52-Port L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com