Electronic Components Datasheet Search
  English  ▼

X  

EN6340QI Datasheet(PDF) 4 Page - Intel Corporation

Part # EN6340QI
Description  Step-Down DC-DC Switching Converter with Integrated Inductor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EN6340QI Datasheet(HTML) 4 Page - Intel Corporation

  EN6340QI Datasheet HTML 1Page - Intel Corporation EN6340QI Datasheet HTML 2Page - Intel Corporation EN6340QI Datasheet HTML 3Page - Intel Corporation EN6340QI Datasheet HTML 4Page - Intel Corporation EN6340QI Datasheet HTML 5Page - Intel Corporation EN6340QI Datasheet HTML 6Page - Intel Corporation EN6340QI Datasheet HTML 7Page - Intel Corporation EN6340QI Datasheet HTML 8Page - Intel Corporation EN6340QI Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Datasheet | Intel® Enpirion® Power Solutions: EN6340QI
Page 4
ABSOLUTE MAXIMUM RATINGS
CAUTION: Absolute Maximum ratings are stress ratings only. Functional operation beyond the recommended
operating conditions is not implied. Stress beyond the absolute maximum ratings may impair device
life. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
Absolute Maximum Pin Ratings
PARAMETER
SYMBOL
MIN
MAX
UNITS
PVIN, AVIN, VOUT
-0.3
7.0
V
ENABLE, POK
-0.3
VIN+0.3
V
VFB, SS
-0.3
2.5
V
NC(SW) Voltage DC
VSW
7.0
V
NC(SW) Voltage Peak < 5ns
VSW_PEAK
-2.0
10.5
V
Absolute Maximum Thermal Ratings
PARAMETER
CONDITION
MIN
MAX
UNITS
Maximum Operating Junction
Temperature
+150
°C
Storage Temperature Range
-65
+150
°C
Reflow Peak Body
Temperature
(10 Sec) MSL3 JEDEC J-STD-020A
+260
°C
Absolute Maximum ESD Ratings
PARAMETER
CONDITION
MIN
MAX
UNITS
HBM (Human Body Model)
±2000
V
CDM (Charged Device Model)
±500
V
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Voltage Range
VIN
2.7
6.6
V
Output Voltage Range
VOUT
0.6
VIN – VDO (1)
V
Output Current Range
IOUT
4
A
Operating Ambient Temperature Range
TA
-40
+85
°C
Operating Junction Temperature
TJ
-40
+125
°C
13519
September 4, 2018
Rev D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com