Electronic Components Datasheet Search
  English  ▼

X  

VSC8504-01 Datasheet(PDF) 21 Page - Microsemi Corporation

Part # VSC8504-01
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-01 Datasheet(HTML) 21 Page - Microsemi Corporation

Back Button VSC8504-01 Datasheet HTML 17Page - Microsemi Corporation VSC8504-01 Datasheet HTML 18Page - Microsemi Corporation VSC8504-01 Datasheet HTML 19Page - Microsemi Corporation VSC8504-01 Datasheet HTML 20Page - Microsemi Corporation VSC8504-01 Datasheet HTML 21Page - Microsemi Corporation VSC8504-01 Datasheet HTML 22Page - Microsemi Corporation VSC8504-01 Datasheet HTML 23Page - Microsemi Corporation VSC8504-01 Datasheet HTML 24Page - Microsemi Corporation VSC8504-01 Datasheet HTML 25Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 136 page
background image
Functional Descriptions
VMDS-10402 VSC8504-01 Datasheet Revision 4.3
10
3.1.6
QSGMII/SGMII MAC-to-Cat5 Link Partner
The following illustration and sections show the register settings used to configure a QSGMII/SGMII
MAC-to-Cat5 link partner.
Figure 11 •
QSGMII/SGMII MAC-to-Cat5 Link Partner
3.1.6.1
MAC interface SGMII
Use the following settings to configure the SGMII MAC interface.
•
Set register 19G bits 15:14 = 00.
•
Set register 23 (main register) bit 12 = 0.
•
Set register 18G = 0x80F0. For more information, see Table 59, page 70.
For QSGMII only port 0 is used.
Note: Whenever there is a mode change a software reset (register 0 bit 15) is required to make the mode
change effective. This register is cleared when read.
3.1.7
QSGMII/SGMII MAC-to-Protocol Transfer Mode
The following illustration and sections show the register settings used to configure a QSGMII/SGMII
MAC-to-Protocol Transfer mode.
Figure 12 •
QSGMII/SGMII MAC-to-Protocol Transfer Mode
3.1.7.1
MAC interface SGMII
Use the following settings to configure the SGMII MAC interface.
•
Set register 19G bits 15:14 = 00.
•
Set register 23 (main register) bit 12 = 0.
•
Set register 18G = 0x80F0. For more information, see Table 59, page 70.
QSGMII/SGMII,
1000BASE-X,
PMA, PCS, and
AutoNeg
MDI Twisted Pair,
PMA, PCS, and
AutoNeg
4
10/100/1000
BASE-T LP
10/100/1000
BASE-T LP
Port 0
4
4
4
QSGMII/
SGMII
MAC
100BASE-FX,
PMA, PCS, and
AutoNeg
1000BASE-X Fiber,
10/100/1000BASE-T
Copper SFP, PMA,
PCS, and AutoNeg
FIBROP/N_0
TDP_0
TDN_0
RDP_0
RDN_0
FIBRIP/N_0
TXVP_0
TXVN_0
TXVP_3
TXVN_3
SIGDET0
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
TDP_3
TDN_3
RDP_3
RDN_3
FIBROP/N_3
FIBRIP/N_3
SIGDET3
Port 3
QSGMII/SGMII,
1000BASE-X,
PMA, PCS, and
AutoNeg
MDI Twisted Pair,
PMA, PCS, and
AutoNeg
4
4
4
4
QSGMII/
SGMII
MAC
100BASE-FX,
PMA, PCS, and
AutoNeg
1000BASE-X Fiber,
10/100/1000BASE-T
Copper SFP, PMA,
PCS, and AutoNeg
FIBROP/N_0
TDP_0
TDN_0
RDP_0
RDN_0
FIBRIP/N_0
TXVP_0
TXVN_0
TXVP_3
TXVN_3
Fiber
Fiber
10/100/1000
BASE-T
Copper SFP
10/100/1000
BASE-T
Copper SFP
Fiber
Fiber
SIGDET0
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
TDP_3
TDN_3
RDP_3
RDN_3
FIBROP/N_3
FIBRIP/N_3
SIGDET3
10/100/1000
BASE-T
Copper SFP
10/100/1000
BASE-T
Copper SFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com