Electronic Components Datasheet Search
  English  ▼

X  

VSC8504-02 Datasheet(PDF) 125 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 125 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 121Page - Microsemi Corporation VSC8504-02 Datasheet HTML 122Page - Microsemi Corporation VSC8504-02 Datasheet HTML 123Page - Microsemi Corporation VSC8504-02 Datasheet HTML 124Page - Microsemi Corporation VSC8504-02 Datasheet HTML 125Page - Microsemi Corporation VSC8504-02 Datasheet HTML 126Page - Microsemi Corporation VSC8504-02 Datasheet HTML 127Page - Microsemi Corporation VSC8504-02 Datasheet HTML 128Page - Microsemi Corporation VSC8504-02 Datasheet HTML 129Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 131 page
background image
Package Information
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
114
Figure 51 •
Package Drawing
7.2
Thermal Specifications
Thermal specifications for this device are based on the JEDEC JESD51 family of documents. These
documents are available on the JEDEC Web site at www.jedec.org. The thermal specifications are
modeled using a four-layer test board with two signal layers, a power plane, and a ground plane (2s2p
0.20 (4×)
X
Y
17.00
Pin A1 corner
17.00
1.00
1.00
A
1
2
3
4
5
6
7
9
10
11
12
14
15
16
13
B
H
J
K
L
M
N
P
R
T
8
D
C
E
F
G
15.00
15.00
Pin A1 corner
0.25 Z
0.20 Z
Z
Ø 0.25
Ø 0.10 M
MZ X Y
Z
Seating plane
Ø 0.45–0.64
5
4
Top View
Bottom View
Side View
Notes
1. All dimensions and tolerances are in millimeters (mm).
2. Ball diameter is 0.50 mm.
3. Radial true position is represented by typical values.
4. Primary datum Z and seating plane are defined by the
spherical crowns of the solder balls.
5. Dimension is measured at the maximum solder ball
diameter, parallel to primary datum Z.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com