Electronic Components Datasheet Search
  English  ▼

X  

D382 Datasheet(PDF) 1 Page - Bosch Sensortec GmbH

Part # D382
Description  Combustible Gas Detector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

D382 Datasheet(HTML) 1 Page - Bosch Sensortec GmbH

  D382 Datasheet HTML 1Page - Bosch Sensortec GmbH D382 Datasheet HTML 2Page - Bosch Sensortec GmbH D382 Datasheet HTML 3Page - Bosch Sensortec GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Fire Alarm Systems | D382 Combustible Gas Detector (Macurco GD-2A)
D382 Combustible Gas Detector
(Macurco GD-2A)
www.boschsecurity.com
u
12 VDC/VAC or 24 VDC/VAC operation
u
Self-purging semiconductor sensor requires no
maintenance or recalibration
u
SPDT (Form C) alarm Relay and SPST (Form A)
trouble relay designed for seamless connection to
control panels or other devices
u
Installer selectable self-restoring or latching
functionality
u
Red and Green LED status indicators
The D382 Combustible Gas Detector (Macurco GD‑2A)
detects the presence of combustible gases such as
propane and natural gas (methane). It is rated by
Underwriters Laboratories (UL) to alarm below 25% of
the lower explosion level (LEL) of propane or
methane.
Use in non-hazardous locations such as residences,
retail stores, office buildings, and institutional
buildings. It is usually installed in rooms where gas
appliances are located or in rooms that are
susceptible to gas seepage.
Notice
Do not use in industrial locations such as
factories, refineries and chemical plants.
Notice
The D382 does not detect carbon monoxide.
Functions
Input Power
The detector uses a full-wave bridge rectifier so it is
independent of input power polarity. It operates on AC
or DC voltages from 12 V to 24V. A switching regulator
is used to efficiently match the wide input voltage
range to the fixed internal power system.
Status LEDs
The detector has one green and one red status LED on
the front of the detector.
The detector has an internal two-minute time delay
that prevents alarms during the warm-up of the gas
sensor. During the warm-up period, the green LED
light flashes. Once the delay is over, the continuous
green light indicates normal operation.
The detector has a supervisory circuit of critical
functions. A trouble condition, due to a failure of a
non-reliable component, results in both lights flashing
and the trouble relay activating. A power failure also
causes the trouble relay to activate.
The red LED turns on at the same time the alarm relay
activates to indicate the alarm condition.


Similar Part No. - D382

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
D38-8 PETERMANN-D38-8 Datasheet
90Kb / 5P
HIGH RELIABILITY FOR LOW COST
D38.9P PETERMANN-D38.9P Datasheet
90Kb / 5P
HIGH RELIABILITY FOR LOW COST
logo
Nell Semiconductor Co.,...
D3800E NELLSEMI-D3800E Datasheet
227Kb / 5P
High voltage ratings up to 5500V
D3800E NELLSEMI-D3800E Datasheet
667Kb / 5P
Standard Recovery Diodes
D3800E40 NELLSEMI-D3800E40 Datasheet
667Kb / 5P
Standard Recovery Diodes
More results

Similar Description - D382

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
CO52 EXTECH-CO52 Datasheet
235Kb / 2P
Gas Leak Detector
EZ40 EXTECH-EZ40 Datasheet
140Kb / 5P
EzFlex Combustible Gas Leak Detector
FG100 EXTECH-FG100 Datasheet
52Kb / 1P
Gas Leak Detector
EZ40 EXTECH-EZ40_15 Datasheet
185Kb / 1P
EzFlex??Combustible Gas Detector
FG100 EXTECH-FG100_15 Datasheet
107Kb / 1P
Combustible Gas Leak Detector
logo
Figaro Engineering Inc.
CGM6812-B00 FIGARO-CGM6812-B00 Datasheet
280Kb / 2P
Pre-calibrated module for combustible gas
logo
Testo SE & Co. KGaA
TESTO317-2 TESTO-TESTO317-2 Datasheet
142Kb / 2P
Gas-Leak Detector
logo
Zhengzhou Winsen Electr...
ZP04 WINSEN-ZP04 Datasheet
425Kb / 7P
Combustible Gas Detection Module
ZP14 WINSEN-ZP14 Datasheet
348Kb / 8P
Combustible Gas Detection Module
GM-402B WINSEN-GM-402B Datasheet
978Kb / 7P
MEMS Combustible Gas Sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com