Electronic Components Datasheet Search
  English  ▼

X  

EN08 Datasheet(PDF) 2 Page - TT Electronics.

Part # EN08
Description  8 mm rotary encoder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

EN08 Datasheet(HTML) 2 Page - TT Electronics.

  EN08 Datasheet HTML 1Page - TT Electronics. EN08 Datasheet HTML 2Page - TT Electronics. EN08 Datasheet HTML 3Page - TT Electronics. EN08 Datasheet HTML 4Page - TT Electronics. EN08 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Model EN08
Issue B
07/2016 Page 2
TT Electronics | BI Technologies
4200 Bonita Place, Fullerton, CA 92835-1053|Ph: +1 714 447 2300
www.ttelectronics.com
Pulses (per revolution)
10
Encoder closed circuit resistance
3.0 Ohms, max.
Encoder contact rating
1.0 mA / 5 Vdc
Operating current, maximum
1.0 mA
Dielectric strength
200 Vac, 1 minute
Insulation resistance, minimum
100M Ohms
Sliding noise (at 60 RPM)
5 ms max.
Contact bounce (at 15 RPM)
10 ms max.
Operating speed (RPM), maximum
30 RPM
Switch power rating
10 mA / 5 Vdc
Switch contact resistance
100 millohms
Actual electrical travel, nominal
Continuous
Electrical Specifications
Total mechanical travel
Continuous
Detents (per revolution)
0, 20
Rotational torque of detent, maximum
1.0 oz-in
Switch operating force, maximum
850 gf
Switch travel, maximum
0.5 mm
Mechanical Specifications
Operating temperature range
-30°C to +70°C
Operation life
Switch: 15,000 actuations, Encoders: 50,000 cycles
Environmental Specifications



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com