Electronic Components Datasheet Search
  English  ▼

X  

ES2000 Datasheet(PDF) 1 Page - TT Electronics.

Part # ES2000
Description  Stainless Steel housing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

ES2000 Datasheet(HTML) 1 Page - TT Electronics.

  ES2000 Datasheet HTML 1Page - TT Electronics. ES2000 Datasheet HTML 2Page - TT Electronics. ES2000 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Electronic Switch
ES2000
© TT electronics plc
Issue A
07/2018 Page 1
TT Electronics | Roxspur Measurement & Control
2 Downgate Drive, Sheffield, South Yorkshire, S4 8BT, UK |Ph: +44 (0) 114-244-2521
www.ttelectronics.com | RoxspurSales@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
This Electronic Pressure Switch offers the accuracy of an electronic pressure switch in an economical package. It
is available in two different configurations: as a dual pressure switch or as a single switch with integrated 4-20
mA analog output. Setpoints and deadband are easily adjusted by using the keypad and user-friendly menu.
Analog transducer outputs are scalable from 25% to 100% of the full adjustable range. A 10-bit microprocessor
provides built-in self diagnostics and allows for switch time delays and pressure cycling up to 100 times per
second. For applications requiring precision pressure monitoring and control at an affordable price, this pressure
switch is the ideal solution.
Features:
Stainless Steel housing
Rugged construction
Excellent linearity
Excellent long term stability
Wide temperature range
SKU
Description
F0428-017
2 Switching Outputs, 0 to 10 bar
F0428-018
2 Switching Outputs, 0 to 50 bar
F0428-019
2 Switching Outputs, 0 to 100 bar
F0428-020
2 Switching Outputs, 0 to 200 bar
F0428-021
2 Switching Outputs, 0 to 400 bar
F0428-022
2 Switching Outputs, 0 to 600 bar
F0428-127
1 Analogue Output 4-20mA, 0 to 10 bar
F0428-128
1 Analogue Output 4-20mA, 0 to 50 bar
F0428-129
1 Analogue Output 4-20mA, 0 to 100 bar
F0428-130
1 Analogue Output 4-20mA, 0 to 200 bar
F0428-131
1 Analogue Output 4-20mA, 0 to 400 bar
F0428-132
1 Analogue Output 4-20mA, 0 to 600 bar


Similar Part No. - ES2000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ES2000-No.1 MACOM-ES2000-No.1 Datasheet
37Kb / 3P
Flame-retardant, adhesive-lined heat-shrinkable tubing (extended temperature range)
logo
TE Connectivity Ltd
ES2000-NO.1 TEC-ES2000-NO.1  Datasheet
30Kb / 2P
Flame-retardant, adhesive-lined heat-shrinkable tubing (extended temperature range)
logo
Tyco Electronics
ES2000-No.2 MACOM-ES2000-No.2 Datasheet
37Kb / 3P
Flame-retardant, adhesive-lined heat-shrinkable tubing (extended temperature range)
logo
TE Connectivity Ltd
ES2000-NO.2 TEC-ES2000-NO.2 Datasheet
30Kb / 2P
Flame-retardant, adhesive-lined heat-shrinkable tubing (extended temperature range)
ES2000-NO.2-B9-0-STK TEC-ES2000-NO.2-B9-0-STK Datasheet
30Kb / 2P
Flame-retardant, adhesive-lined heat-shrinkable tubing (extended temperature range)
More results

Similar Description - ES2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EI0401NPCSS ETC2-EI0401NPCSS Datasheet
72Kb / 2P
Proximity Sensors Inductive Stainless Steel Housing
EI0601NACS ETC2-EI0601NACS Datasheet
63Kb / 2P
Proximity Sensors Inductive Stainless Steel Housing
EI3010PPCSL ETC2-EI3010PPCSL Datasheet
145Kb / 3P
Proximity Sensors Inductive Stainless Steel Housing
logo
Marl International Limi...
520 MARL-520 Datasheet
423Kb / 5P
횠6.1mm mounting Robust stainless steel housing
524 MARL-524 Datasheet
434Kb / 5P
횠8.1mm mounting Robust stainless steel housing
520-301-21_1309 MARL-520-301-21_1309 Datasheet
423Kb / 5P
Robust stainless steel housing
524-501-21_1312 MARL-524-501-21_1312 Datasheet
434Kb / 5P
Robust stainless steel housing
logo
Ralston Instruments.
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
Stainless Steel
logo
Carlo Gavazzi Holding A...
EC3025TBASL-6 CARLOGAVAZZI-EC3025TBASL-6 Datasheet
325Kb / 3P
Proximity Sensors Capacitive Stainless Steel Housing
EC3025PPASL-1 CARLOGAVAZZI-EC3025PPASL-1 Datasheet
365Kb / 3P
Proximity Sensors Capacitive Stainless Steel Housing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com