Electronic Components Datasheet Search
  English  ▼

X  

OVM4RTXV Datasheet(PDF) 1 Page - TT Electronics.

Part # OVM4RTXV
Description  Hi-Reliability Visible LED Lamp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVM4RTXV Datasheet(HTML) 1 Page - TT Electronics.

  OVM4RTXV Datasheet HTML 1Page - TT Electronics. OVM4RTXV Datasheet HTML 2Page - TT Electronics. OVM4RTXV Datasheet HTML 3Page - TT Electronics. OVM4RTXV Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.4
05/10
Page 1 of 4
Product Photo Here
Part Number
Part Number
Material
Emitted Color
Intensity Typ.
(mcd)
Lens Color
OVM4BTX
OVM4BTXV
InGaN
Blue
2260
Clear Glass
OVM4GTX
OVM4GTXV
InGaN
Green
6520
Clear Glass
OVM4RTX
OVM4RTXV
AlInGaP
Red
3300
Clear Glass
OVM4YTX
OVM4YTXV
AlInGaP
Yellow
2010
Clear Glass
Hi-Reliability Visible LED Lamp
(TO46)
OVM4x, OVM4xTX, OVM4xTXV
•
Hermetically sealed TO-46 package
•
Choice of blue, green, red or yellow
•
High-brightness with well-defined spatial radiation patterns
•
ESD protection built in
Each OVM4x, OVM4xTX and OVM4xTXV device is a high-reliability, high-sensitivity visible LED that is mounted
in a hermetically sealed TO-46 package.
“Hi-Reliability” Visible LEDs function in the abnormally severe levels of mechanical, environmental and electrical
stress that are typical of military and harsh industrial applications.
OVM4xTX
and OVM4xTXV devices are processed to OPTEK’s 100% screening and QCI program-patterned after
MIL-PRF-19500. Group A and B are performed on every lot. Group C is performed every six months.
Applications
•
Automotive exterior and interior lighting
•
Architectural lighting
•
Electronic signs and signals
RoHS
DO NOT LOOK DIRECTLY AT
LED WITH UNSHIELDED EYES
OR DAMAGE TO RETINA MAY
OCCUR.
ANODE
(BRAZED)
CATHODE
(ISOLATED)
Dimensions are in inches [ mm]
Pin 1
Cathode
Pin 2
Anode
Pin 2
Pin 1


Similar Part No. - OVM4RTXV

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVM4RTXV OPTEK-OVM4RTXV Datasheet
265Kb / 4P
Hi-Reliability Visible LED Lamp
05/10
More results

Similar Description - OVM4RTXV

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT2010A-UG MARKTECH-MT2010A-UG Datasheet
207Kb / 2P
Visible LED
logo
OPTEK Technologies
OVM4BTX OPTEK-OVM4BTX Datasheet
265Kb / 4P
Hi-Reliability Visible LED Lamp
05/10
logo
Marktech Corporate
MTE5066N5J MARKTECH-MTE5066N5J Datasheet
655Kb / 4P
Visible LED
logo
Roithner LaserTechnik G...
LED420 ROITHNER-LED420 Datasheet
1,018Kb / 8P
Visible LED
LED590-03 ROITHNER-LED590-03 Datasheet
160Kb / 3P
Visible LED
logo
Marktech Corporate
MTE6066N1 MARKTECH-MTE6066N1_15 Datasheet
645Kb / 4P
Visible LED
logo
Roithner LaserTechnik G...
SMC565 ROITHNER-SMC565 Datasheet
230Kb / 2P
Visible LED
SMC780 ROITHNER-SMC780 Datasheet
149Kb / 2P
Visible LED
SMT720 ROITHNER-SMT720 Datasheet
304Kb / 4P
Visible LED
logo
Elite Enterprises (H.K....
HT-650 ELITE-HT-650 Datasheet
389Kb / 2P
Visible LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com