Electronic Components Datasheet Search
  English  ▼

X  

6SL7 Datasheet(PDF) 1 Page - JJ Electronic

Part # 6SL7
Description  Double triode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JJ [JJ Electronic]
Direct Link  https://www.jj-electronic.com/
Logo JJ - JJ Electronic

6SL7 Datasheet(HTML) 1 Page - JJ Electronic

  6SL7 Datasheet HTML 1Page - JJ Electronic 6SL7 Datasheet HTML 2Page - JJ Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.jj-electronic.com
6SL7
Double trioDe
max 33,3
6
k2
g2
a2
k1
a1
g1
Base: OCTAL
uf =
6,3 V
if = 300 mA
Typical Characteristics:
ua = 250 V
ug =
-2 V
ia =
2,3 mA
S =
1,6 mA/V
ri =
44 kΩ
µ =
70
Limiting Values:
ua = 300 V
Wc =
1,0 W
ik =
8 mA
uk/f = ±90 V
ug+ =
0 V
6SL7


Similar Part No. - 6SL7

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
6SL7-GT GEC-6SL7-GT Datasheet
361Kb / 4P
TWIN TRIODE
More results

Similar Description - 6SL7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6H8C ETC-6H8C Datasheet
100Kb / 3P
DOUBLE TRIODE
15EA7 ETC2-15EA7 Datasheet
96Kb / 2P
DOUBLE-TRIODE
5814 ETC2-5814 Datasheet
235Kb / 3P
DOUBLE TRIODE
50Y7GT ETC2-50Y7GT Datasheet
60Kb / 1P
DOUBLE TRIODE
ECC32 ETC2-ECC32 Datasheet
61Kb / 2P
DOUBLE TRIODE
ECC40 ETC2-ECC40 Datasheet
233Kb / 3P
DOUBLE TRIODE
6H1N ETC2-6H1N Datasheet
136Kb / 4P
DOUBLE TRIODE
ECC83 ETC-ECC83 Datasheet
637Kb / 4P
Double Triode
6N13C ETC-6N13C Datasheet
75Kb / 2P
Double triode
6N5P ETC-6N5P Datasheet
96Kb / 3P
Double triode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com