Electronic Components Datasheet Search
  English  ▼

X  

SAM2634 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SAM2634
Description  LOW-POWER SYNTHESIZER WITH EFFECTS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAM2634 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SAM2634 Datasheet HTML 1Page - List of Unclassifed Manufacturers SAM2634 Datasheet HTML 2Page - List of Unclassifed Manufacturers SAM2634 Datasheet HTML 3Page - List of Unclassifed Manufacturers SAM2634 Datasheet HTML 4Page - List of Unclassifed Manufacturers SAM2634 Datasheet HTML 5Page - List of Unclassifed Manufacturers SAM2634 Datasheet HTML 6Page - List of Unclassifed Manufacturers SAM2634 Datasheet HTML 7Page - List of Unclassifed Manufacturers SAM2634 Datasheet HTML 8Page - List of Unclassifed Manufacturers SAM2634 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
SAM2634
2- GENERAL DESCRIPTION
SAM2634
I/O Functions
includes
Control/Status
MIDI UART
Timers
Codec data I/F
Host I/F Fifo
SPI
Synthesis/DSP
64 slots
RISC DSP core
includes
512x32 Alg RAM
128x28 MA1 RAM
256x28 MA2 RAM
256x28 MB RAM
256x16 MX RAM
256x12 MY RAM
64x13 ML RAM
MMU
Memory
Management
Unit
P16 Processor
16-bit CISC
Processor Core
includes
256x16 Data RAM
CODEC
+ DAC
ROM
or
FLASH
MIDI
8-bit port
32k x 16 RAM
ROM
Debug/Flash prog
Debug
Flash prog
Serial
Flash
SRAM
The SAM2634 is a low cost derivative of the SAM2000 series. It retains the same high
quality synthesis with up to 64 voices polyphony. The SAM2634 maximum wavetable
memory is 32 MBytes and the parallel communication is through a standard 8-bit port.
The integrated 32kx16 RAM allows for high quality effects without additional
component.
The highly integrated architecture from SAM2634 combines a specialized high-
performance RISC-based digital signal processor (Synthesis/DSP) and a general
purpose 16 bits CISC-based control processor on a single chip. An on-chip memory
management unit (MMU) allows the synthesis/DSP and the control processor to share
external ROM and/or RAM memory devices. An intelligent peripheral I/O interface
function handles other I/O interfaces, such as the 8-bit parallel, the on-chip MIDI UART,
and the Codec control interface, with minimum intervention from the control processor.
Synthesis/DSP engine
The synthesis/DSP engine operates on a frame timing basis with the frame subdivided
into 64 processes slots. Each process is itself divided into 16 micro-instructions known
as « algorithm ». Up to 32 synthesis/DSP algorithms can be stored on-chip in the Alg
RAM memory, allowing the device to be programmed for a number of audio signal
generation/processing applications. The synthesis/DSP engine is capable of generating
64 simultaneous voices using algorithms such as wavetable synthesis with interpolation,
alternate loop and 24dB resonant filtering for each voice. Slots may be linked together
to allow implementation of more complex synthesis algorithms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com