Electronic Components Datasheet Search
  English  ▼

X  

SAM3703 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # SAM3703
Description  LOW POWER LOW COST EFFECT PROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAM3703 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button SAM3703 Datasheet HTML 9Page - List of Unclassifed Manufacturers SAM3703 Datasheet HTML 10Page - List of Unclassifed Manufacturers SAM3703 Datasheet HTML 11Page - List of Unclassifed Manufacturers SAM3703 Datasheet HTML 12Page - List of Unclassifed Manufacturers SAM3703 Datasheet HTML 13Page - List of Unclassifed Manufacturers SAM3703 Datasheet HTML 14Page - List of Unclassifed Manufacturers SAM3703 Datasheet HTML 15Page - List of Unclassifed Manufacturers SAM3703 Datasheet HTML 16Page - List of Unclassifed Manufacturers SAM3703 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
SAM3703
SAM3703.pdf - Rev. 01/12
13
6. Electrical Characteristics
6.1.
Absolute Maximum Ratings(*)
Parameter
Symbol
Min
Typ
Max
Unit
Temperature under bias
-
-55
-
+125
°C
Storage temperature
-
-65
-
+150
°C
Voltage on any pin
X1,PDWN/
Others
-
-
-0.3
-0.3
-
-
VC18+.3
VC33+.3
V
V
Supply voltage
VC18
VC25
VC33
-0.3
-0.3
-0.3
-
-
-
1.95
3.6
3.6
V
V
V
Maximum IOL per I/O pin
(excepted SSTL pins)
-
-
-
4
mA
Maximum IOH per I/O pin
(excepted SSTL pins)
-
-
-
4
mA
Maximum IOL per SSTL pin
- VOUT=VTT-0.405
-
-
-
8
mA
Maximum IOH per SSTL pin
- VOUT=VTT+0.405
-
-
-
8
mA
*NOTICE: Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those
indicated in the Recommended Operating Conditions of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
6.2.
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
VC18
1.65
1.8
1.95
V
Supply voltage (note 1)
VC33
3
3.3
3.6
V
Supply voltage PWRIN pin
PWRIN
1.75
1.9
1.95
V
Operating ambient temperature
tA
0
-
70
°C
Note 1: Operation at lower VC33 values down to VC18 is possible, however external timing may be impaired. Please
contact Dream if you plan to use these circuits with VC33 outside the recommended operating range.
6.2.1. SSTL_2 pads
Memory pads of SAM3703 are SSTL_2 compliant. This feature allows direct interfacing with DDR SDRAM devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com