Electronic Components Datasheet Search
  English  ▼

X  

SQB Datasheet(PDF) 2 Page - JST Mfg. Co., Ltd.

Part # SQB
Description  Squilb connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

SQB Datasheet(HTML) 2 Page - JST Mfg. Co., Ltd.

  SQB Datasheet HTML 1Page - JST Mfg. Co., Ltd. SQB Datasheet HTML 2Page - JST Mfg. Co., Ltd. SQB Datasheet HTML 3Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Female housing assembly
Female terminal
Cover housing
Note)
Q’ty/box
W code
X code
Y code
Z code
Keying
figure
2
Circuits
Pink
Purple
Gray
Green
Color
Model No.
SQBRB-02-1A-PK
SQBRB-02-1B-DV
SQBRB-02-1C-H
SQBRB-02-1D-M
SQB CONNECTOR
5,000
5,000
Q’ty/reel
Applicable wire range
Insulation O.D.
(mm)
Model No.
SSQSK-A03GJ-P-R
SSQSK-A03GJ-P-L
1.0 to 1.6
1.0 to 1.6
Conductor
(mm2)
0.3 to 0.5
0.3 to 0.5
Copper alloy, nickel-undercoated,
Contact area; gold-plated (0.8
µm min.)
Barrel area; tin-plated
Material and Finish
Female housing; Glass-filled PBT
CPA; Glass-filled PBT, Orange
Spring; SUS
Material
Note: Contact JST for details.
Note: Contact JST for details.
Note)
Q’ty/box
Yellow
Color
2
Circuits
Model No.
SQBL-02H-1A-Y
Material
Glass-filled PBT
10
6.9
φ1.9
2.5
12
12
12
12
16.25
13.4
15.4
Keying figure
W code
X code
Y code
Z code
15.4
16.4
8.3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com