Electronic Components Datasheet Search
  English  ▼

X  

02XAF-2S Datasheet(PDF) 1 Page - JST Mfg. Co., Ltd.

Part # 02XAF-2S
Description  2.5 mm pitch/Wire-to-board (IDC disconnectable style)/Wire-to-wire (IDC disconnectable style)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

02XAF-2S Datasheet(HTML) 1 Page - JST Mfg. Co., Ltd.

  02XAF-2S Datasheet HTML 1Page - JST Mfg. Co., Ltd. 02XAF-2S Datasheet HTML 2Page - JST Mfg. Co., Ltd. 02XAF-2S Datasheet HTML 3Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
XAF CONNECTOR
2.5 mm pitch/Wire-to-board (IDC disconnectable style)/Wire-to-wire (IDC disconnectable style)
• Secure locking structure
• Low insertion force
• Insertion guide mechanism
• Metallic strain relief
• Retainer with four locking points
• Twin U-slot for high reliability
• Interchangeability
XAF connector is an insulation
displacement socket connector which is
compatible with the existing XA connector
crimp housing (plug housing). The dipping
type, SMT type, and high box type headers
or the receptacle housings used for wire-
to-wire connection can be prepared as the
mated counterpart of XAF connector, and
the wide range of connection style can be
provided depending on the application.
Specifications –––––––––––––––––––
• Current rating: 3 A AC, DC max. (AWG #22)
• Voltage rating: 150 V AC, DC max.
• Temperature range: -40˚C to +105˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/ 10 mΩ max.
After environmental tests/ 20 mΩ max.
• Insulation resistance: 1,000 MΩ min.
• Withstanding voltage: 1,000 VAC/minute
• Applicable wire: UL10002 (Contact JST for details regarding
other UL styles.)
AWG #22
Conductor/ 7 strands,
tin-coated annealed copper
Insulation O.D./ 1.0 to 1.5 mm
* Refer to "General Instruction and Notice when using
Terminals and Connectors" at the end of this catalog.
* Contact JST for details.
* Compliant with RoHS.
Standards ––––––––––––––––––––––
0 Recognized E60389
1CertifiedLR20812
1


Similar Part No. - 02XAF-2S

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
02X0657-00 JAE-02X0657-00 Datasheet
94Kb / 3P
Millimeter Wave Band Coaxial Connector, 1.0mmW Plug - 1.0mmW Jack, Phaser
logo
Huber+Suhner, Inc.
02X10MM2CL5-P09-LSFH-CEB2 HUBERSUHNER-02X10MM2CL5-P09-LSFH-CEB2 Datasheet
339Kb / 2P
2 core Power Cable, 10 mm2, Class 5, Cca
02X16MM2CL5-P09-LSFH-CEB2 HUBERSUHNER-02X16MM2CL5-P09-LSFH-CEB2 Datasheet
340Kb / 2P
2 core Power Cable, 16 mm2, Class 5, Cca
02X25MM2CL5-P09-LSFH-CEB2 HUBERSUHNER-02X25MM2CL5-P09-LSFH-CEB2 Datasheet
339Kb / 2P
2 core Power Cable, 25 mm2, Class 5, Cca
02X6MM2CL5-P09-LSFH-CEB2 HUBERSUHNER-02X6MM2CL5-P09-LSFH-CEB2 Datasheet
339Kb / 2P
2 core Power Cable, 6 mm2, Class 5, Cca
More results

Similar Description - 02XAF-2S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SYR-02T ETC1-SYR-02T Datasheet
38Kb / 2P
Disconnectable Crimp style Wire-to-wire connectors
SZM-41T-P0.7 ETC1-SZM-41T-P0.7 Datasheet
137Kb / 5P
Disconnectable Crimp style Wire-to-wire connectors
PAP-02V-S ETC1-PAP-02V-S Datasheet
366Kb / 11P
2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
B02B-PASK ETC2-B02B-PASK Datasheet
366Kb / 11P
2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
B02B-PASK-1LFSN ETC2-B02B-PASK-1LFSN Datasheet
330Kb / 12P
2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
PALR-08VF ETC2-PALR-08VF Datasheet
330Kb / 12P
2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
JST Mfg. Co., Ltd.
RWM JST-RWM Datasheet
279Kb / 5P
Disconnectable crimp style Wire-to-wire connectors
RWZ JST-RWZ Datasheet
125Kb / 3P
Disconnectable Crimp style Wire-to wire connectors
JFA JST-JFA Datasheet
886Kb / 23P
Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
PA-SERIES JST-PA-SERIES Datasheet
340Kb / 12P
2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com