Electronic Components Datasheet Search
  English  ▼

X  

XCC Datasheet(PDF) 2 Page - JST Mfg. Co., Ltd.

Part # XCC
Description  Connector for CFexpress card (Type B)/XQD card
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

XCC Datasheet(HTML) 2 Page - JST Mfg. Co., Ltd.

  XCC Datasheet HTML 1Page - JST Mfg. Co., Ltd. XCC Datasheet HTML 2Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
XCC CONNECTOR
XCC CONNECTOR
XCC CONNECTOR
XCC CONNECTOR
Connector for CFexpress card (Type B)
/XQDcard
4.7
0.8
CARD
CARD
Pin No.1
Pin No.1
Pin No.21
Reverse
Normal
Pin No.21
(Centerofentranceforinsertingthecard)
(Centerofentranceforinsertingthecard)
16.1
19.7
16.1
19.7
15.55
4.7
1
Boss
18.7
15.55
18.7
XCC-HC21SR-S532-N1401(LF)(SN)
XCC-HC21SR-S532-R1101(LF)(SN)
XCC-HC21SR-S532-R1201(LF)(SN)
Model No.
Boss
presence/absence
Material and Finish
Contact: Copper alloy, nickel-undercoated, Contact part; gold-plated
Soldered part; gold-plated
Housing: Heat-resistant resin, UL94V-0, black
Frame: Stainless, nickel-undercoated, tin-plated (reflow treatment)
Push lever: Heat-resistant resin, UL94V-0, black
Lock: Copper alloy, nickel-plated
Guide pin: Stainless
Spring lock: Stainless
With boss
With boss
Without boss
Q'ty/
box
1,040
Type
Normal
Reverse
21
No. of
circuits
Normal
Reverse
RoHS2 compliance
Card push type



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com