Electronic Components Datasheet Search
  English  ▼

X  

SWT7-X2GG Datasheet(PDF) 2 Page - TT Electronics.

Part # SWT7-X2GG
Description  Model SWT7 Tactile Switches, 6.2 X 6.3 mm Low Profile, SMD RoHS Compliant
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SWT7-X2GG Datasheet(HTML) 2 Page - TT Electronics.

  SWT7-X2GG Datasheet HTML 1Page - TT Electronics. SWT7-X2GG Datasheet HTML 2Page - TT Electronics. SWT7-X2GG Datasheet HTML 3Page - TT Electronics. SWT7-X2GG Datasheet HTML 4Page - TT Electronics. SWT7-X2GG Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Model SWT7
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345 Website: www.bitechnologies.com
October 10, 2006
page 2 of
5
BI technologies
*Contact our customer service for custom designs and features.
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION1111
SWT7
SWT7
SWT7
SWT7 ---- J 1 Y T
J 1 Y T
J 1 Y T
J 1 Y TR
R
R
R
Model Series
Style
G – SMD G pin style
X – SMD G pin style w/ ground
J – SMD J pin style
Z – SMD J pin style w/ ground
Stem Height
1 – 2.0 mm
2 – 2.5 mm
3 – 3.1 mm
Packaging
TR – Tape and Reel
G, X - 1000/reel
J, Z - 1500/reel
Color / Force
Y – Yellow, 100 gf
G – Green, 160 gf
B – Blue, 260 gf



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com