Electronic Components Datasheet Search
  English  ▼

X  

CMD192 Datasheet(PDF) 1 Page - Custom MMIC Design Services, Inc.

Part # CMD192
Description  DC-20 GHz Distributed Driver Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD192 Datasheet(HTML) 1 Page - Custom MMIC Design Services, Inc.

  CMD192 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD192 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD192 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD192 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD192 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD192 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD192 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD192 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD192 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD192 is wideband GaAs MMIC dis-
tributed amplifier die which operates from DC
to 20 GHz. The amplifier delivers greater than
19 dB of gain with a corresponding output 1
dB compression point of +24.5 dBm and noise
figure of 1.9 dB at 10 GHz. The CMD192 is a
50 ohm matched design which eliminates the
need for RF port matching. The CMD192 of-
fers full passivation for increased reliability
and moisture protection. This amplifier is the
perfect alternative to higher cost hybrid ampli-
fiers.
► Ultra wideband performance
► Positive gain slope
► High output power
► Low noise figure
► Small die size
Electrical Performance - Vdd = 8.0 V, Vgg = -1.0 V, TA = 25
oC, F = 10 GHz
Features
Description
Functional Block Diagram
ver 2.4 0418
Parameter
Min
Typ
Max
Units
Frequency Range
GHz
Gain
19.5
dB
Noise Figure
1.9
dB
Input Return Loss
25
dB
Output Return Loss
15
dB
Output P1dB
24.5
dBm
Supply Current
200
mA
DC - 20
Note: Vgg2 is optional for gain control
1
3
4
5
6
7
8
9
2
RFIN
RFOUT & Vdd
ACG1
ACG2
ACG4
ACG3
Vgg2
GB
Vgg
CMD192
DC-20 GHz Distributed Driver Amplifier


Similar Part No. - CMD192

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
CMD192 QORVO-CMD192 Datasheet
244Kb / 10P
DC-20 GHz Distributed Driver Amplifier
logo
Custom MMIC Design Serv...
CMD192C5 MMIC-CMD192C5 Datasheet
333Kb / 10P
DC-20 GHz Distributed Driver Amplifier
logo
Qorvo, Inc
CMD192C5 QORVO-CMD192C5 Datasheet
333Kb / 10P
DC-20 GHz Distributed Driver Amplifier
CMD192C5 QORVO-CMD192C5 Datasheet
424Kb / 11P
DC-20 GHz Distributed Driver Amplifier
November 4, 2021
CMD192C5 QORVO-CMD192C5_V01 Datasheet
424Kb / 11P
DC-20 GHz Distributed Driver Amplifier
November 4, 2021
More results

Similar Description - CMD192

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD173 MMIC-CMD173 Datasheet
617Kb / 10P
DC-20 GHz Distributed Amplifier
CMD173P4 MMIC-CMD173P4 Datasheet
719Kb / 10P
DC-20 GHz Distributed Amplifier
CMD192C5 MMIC-CMD192C5 Datasheet
333Kb / 10P
DC-20 GHz Distributed Driver Amplifier
logo
Qorvo, Inc
CMD192C5 QORVO-CMD192C5 Datasheet
333Kb / 10P
DC-20 GHz Distributed Driver Amplifier
CMD192 QORVO-CMD192 Datasheet
244Kb / 10P
DC-20 GHz Distributed Driver Amplifier
CMD192C5 QORVO-CMD192C5_V01 Datasheet
424Kb / 11P
DC-20 GHz Distributed Driver Amplifier
November 4, 2021
CMD244K5 QORVO-CMD244K5 Datasheet
495Kb / 15P
DC-20 GHz Distributed Driver Amplifier
CMD249 QORVO-CMD249 Datasheet
400Kb / 10P
DC-20 GHz Distributed Power Amplifier
CMD311P34 QORVO-CMD311P34 Datasheet
537Kb / 14P
DC-20 GHz Distributed Driver Amplifier
August 5, 2021
CMD249P5 QORVO-CMD249P5_V01 Datasheet
423Kb / 14P
DC-20 GHz Distributed Power Amplifier
May 25, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com