Electronic Components Datasheet Search
  English  ▼

X  

CMD249 Datasheet(PDF) 1 Page - Custom MMIC Design Services, Inc.

Part # CMD249
Description  DC-20 GHz Distributed Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD249 Datasheet(HTML) 1 Page - Custom MMIC Design Services, Inc.

  CMD249 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD249 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD249 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD249 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD249 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD249 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD249 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD249 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD249 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD249 is wideband GaAs MMIC dis-
tributed power amplifier die which operates
from DC to 20 GHz. The amplifier delivers
greater than 12 dB of gain with a correspond-
ing output 1 dB compression point of +30 dBm
and output IP3 of 38 dBm at 10 GHz. The
CMD249 is a 50 ohm matched design which
eliminates the need for RF port matching. The
CMD249 offers full passivation for increased
reliability and moisture protection.
► Ultra wideband performance
► High linearity
► High output power
► Excellent return losses
► Small die size
Electrical Performance – Vdd = 10.0 V, Vgg = -0.95 V, TA = 25
oC, F = 10 GHz
Features
Description
Functional Block Diagram
ver 1.5 1018
Parameter
Min
Typ
Max
Units
Frequency Range
GHz
Gain
13
dB
Noise Figure
3.4
dB
Input Return Loss
16
dB
Output Return Loss
17
dB
Output P1dB
30
dBm
Supply Current
400
mA
DC – 20
CMD249
DC-20 GHz Distributed Power Amplifier
1
2
3
4
5
6
7
8
RFOUT & Vdd
RFIN
ACG4 ACG3
Vgg
GB
ACG1 ACG2


Similar Part No. - CMD249

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
CMD249 QORVO-CMD249 Datasheet
400Kb / 10P
DC-20 GHz Distributed Power Amplifier
logo
Crydom Inc.,
CMD2490 CRYDOM-CMD2490 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
CMD2490 CRYDOM-CMD2490 Datasheet
580Kb / 5P
Panel Mount
logo
Custom MMIC Design Serv...
CMD249P5 MMIC-CMD249P5 Datasheet
287Kb / 12P
DC-20 GHz Distributed Power Amplifier
logo
Qorvo, Inc
CMD249P5 QORVO-CMD249P5 Datasheet
287Kb / 12P
DC-20 GHz Distributed Power Amplifier
More results

Similar Description - CMD249

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD201P5 MMIC-CMD201P5 Datasheet
277Kb / 10P
DC-20 GHz Distributed Power Amplifier
CMD201 MMIC-CMD201 Datasheet
752Kb / 10P
DC-20 GHz Distributed Power Amplifier
CMD249P5 MMIC-CMD249P5 Datasheet
287Kb / 12P
DC-20 GHz Distributed Power Amplifier
logo
Qorvo, Inc
CMD201P5 QORVO-CMD201P5 Datasheet
277Kb / 10P
DC-20 GHz Distributed Power Amplifier
CMD201 QORVO-CMD201 Datasheet
752Kb / 10P
DC-20 GHz Distributed Power Amplifier
CMD249P5 QORVO-CMD249P5 Datasheet
287Kb / 12P
DC-20 GHz Distributed Power Amplifier
CMD201P5 QORVO-CMD201P5_V01 Datasheet
373Kb / 11P
DC-20 GHz Distributed Power Amplifier
December 3, 2021
CMD201 QORVO-CMD201_V01 Datasheet
273Kb / 11P
DC-20 GHz Distributed Power Amplifier
December 22, 2021
CMD249 QORVO-CMD249 Datasheet
400Kb / 10P
DC-20 GHz Distributed Power Amplifier
CMD249P5 QORVO-CMD249P5_V01 Datasheet
423Kb / 14P
DC-20 GHz Distributed Power Amplifier
May 25, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com