| Electronic Components Datasheet Search |
|
DB9F Datasheet(PDF) 1 Page - Satel |
|
|
|||||||||||||||||||||||||||||
DB9F Datasheet(HTML) 1 Page - Satel |
|
1 / 2 page ![]() ® CABLE SET FOR PROGRAMMING DEVICES WITH RS-232 PORT DB9F/RJ-KPL db9frj_en 08/08 The DB9F/RJ-KPL cable set includes the DB9F/RJ main cable, RJ/PIN5-LCD adapter and connector with two RJ (6-pin) sockets. Both cables are marked by green cable flag labels with suitable symbol printed on them. This set replaces the two cables manufactured earlier under the name of DB9F/PIN5 (or RS- CA64/CA10) and DB9F/RJ. It enables computer to be connected to devices with RS-232, port, irrespective of what type of socket is used in them (PIN-5 or RJ). The set is designed for use with the following devices: − INTEGRA, CA-64, CA-10 alarm control panels ; − LCD keypads for INTEGRA, CA-64 and CA-10 control panels ; − GSM-4S, GSM LT-2S, GSM LT-1S communication modules; − ACU-100 controller for ABAX wireless system. The figures below show connection diagrams. Figure 1. Connection diagram – DB9F/RJ cable TO CONTROL PANEL (view of RJ plug ) DB9F TO COMPUTER (view of DB9F female plug from the side of soldering points ) 3 8 5 4 2 6543 1 |
Similar Part No. - DB9F |
|
Similar Description - DB9F |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |