Electronic Components Datasheet Search
  English  ▼

X  

FHN Datasheet(PDF) 1 Page - JST Mfg. Co., Ltd.

Part # FHN
Description  0.5mm pitch/Connectors for FFC and FPC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

FHN Datasheet(HTML) 1 Page - JST Mfg. Co., Ltd.

  FHN Datasheet HTML 1Page - JST Mfg. Co., Ltd. FHN Datasheet HTML 2Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FHN CONNECTOR
0.5mm pitch/Connectors for FFC and FPC
Emboss Tape
1.3
C
A
0.5
0.3
6.1
0.25
±0.05
±0.05
±0.05
±0.03
0.05
0.03
+
-
Adopting the auto-locking mechanism
which locks by one action when having
FFC/FPC inserted into connector, insertion
workability and reliability are much
improved.
• Auto-locking mechanism that has secure
and good workability
• Back flip mechanism that has superior
operability of cover housing
• Operability similar to that of the conventional
flip lock type when unlocking
• The structure that is strong enough to routing
of FFC/FPC
• The insertion completion of FFC/FPC can be
confirmed visually from the square hole of
the connector upper surface.
Specifications –––––––––––––––––––
• Current rating: 0.5 A AC, DC
• Voltage rating: 50 V AC, DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/ 50 mΩ max.
After environmental tests/ 100 mΩ max.
• Insulation resistance: 500 MΩ min.
• Withstanding voltage: 200 VAC/minute
• Applicable FFC/FPC: Conductor pitch/ 0.5 mm
Conductor width/ 0.32 mm
Mating part thickness/ 0.3 ± 0.03 mm
* In using the products, refer to "Handling Precaution for Terminal
and Connector" described on our website (Technical documents
of Product information page).
* Contact JST for details.
* RoHS2 compliance
1
PC board layout and Assembly layout
<8, 10 circuits>
Note: 1. The above figure is the figure viewed from the connector mounting side
2. Tolerance for the centers of pattern on PCB is ±0.03, and shall be not cumulative more than ±0.05.
The dimensions above should serve as a guideline. Contact JST for details.
No. of
circuits
Dimensions (mm)
A
8
10
3.5
4.5
C
7.8
8.8


Similar Part No. - FHN

ManufacturerPart #DatasheetDescription
logo
Fujikura Ltd.
FHN-07PG FUJIKURA-FHN-07PG Datasheet
351Kb / 3P
Sensing element/Gauge
FHN-07PGR FUJIKURA-FHN-07PGR Datasheet
351Kb / 3P
Sensing element/Gauge
FHN-07PGS FUJIKURA-FHN-07PGS Datasheet
351Kb / 3P
Sensing element/Gauge
FHN-07PGSR FUJIKURA-FHN-07PGSR Datasheet
351Kb / 3P
Sensing element/Gauge
FHN-607PG FUJIKURA-FHN-607PG Datasheet
351Kb / 3P
Sensing element/Gauge
More results

Similar Description - FHN

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH12-6S-0.5SH HIROSE-FH12-6S-0.5SH Datasheet
481Kb / 10P
0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-45S-0.5SV55 HIROSE-FH12-45S-0.5SV55 Datasheet
453Kb / 20P
0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-33-S-0.5SH55 HIROSE-FH12-33-S-0.5SH55 Datasheet
453Kb / 20P
0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
FCI connector
62674 FCI-CONNECTOR-62674 Datasheet
1Mb / 10P
0.5MM FPC/FFC SMT CONNECTOR USED FOR FPC/FFC WITH 0.5MM CONTACK SPACING
logo
List of Unclassifed Man...
28FLZ-RSM2-TB(LF)(SN) ETC2-28FLZ-RSM2-TB(LF)(SN) Datasheet
84Kb / 2P
FLZ CONNECTOR 0.5mm pitch/Connectors for FFC and FPC
FH12-20S-05SV55 ETC2-FH12-20S-05SV55 Datasheet
453Kb / 20P
0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-40S-05SH ETC2-FH12-40S-05SH Datasheet
453Kb / 20P
0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12 HIROSE-FH12 Datasheet
445Kb / 19P
0.5mm and 1mm Pitch Connectors For FPC/FFC
FH52 HIROSE-FH52 Datasheet
603Kb / 20P
0.5mm and 1mm Pitch, 2mm Height, FPC/FFC ZIF Connectors
logo
JST Mfg. Co., Ltd.
FWG JST-FWG Datasheet
251Kb / 4P
0.5mm pitch/Disconnectable Crimp style connectors/Connector for FPC and FFC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com