Electronic Components Datasheet Search
  English  ▼

X  

MWT Datasheet(PDF) 2 Page - JST Mfg. Co., Ltd.

Part # MWT
Description  Wire-to-wire/Sealed connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

MWT Datasheet(HTML) 2 Page - JST Mfg. Co., Ltd.

  MWT Datasheet HTML 1Page - JST Mfg. Co., Ltd. MWT Datasheet HTML 2Page - JST Mfg. Co., Ltd. MWT Datasheet HTML 3Page - JST Mfg. Co., Ltd. MWT Datasheet HTML 4Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
15
6.5
21
22.3
13.6
17.8
37.9
19.2
2
Material and Finish
Female terminal
Copper alloy, tin-plated (reflow treatment)
MWT CONNECTOR
Female connector
Material and Finish
Housing : Glass-filled PBT, Red
Retainer: Glass-filled PBT, Black
Inner seal: Silicone, Brown
5,000
Applicable wire range
Insulation O.D.
(mm)
Model No.
SMWTS-A021T-C064
Conductor
(mm2)
0.3 to 0.5
1.4 to 1.7
Material and Finish
M
ale terminal
Brass, tin-plated (reflow treatment)
5,500
Applicable wire range
Insulation O.D.
(mm)
Model No.
SMWTWS-A021T-064
Conductor
(mm2)
0.3 to 0.5
1.4 to 1.7
6
750
Circuits
Model No.
MWTRB-06-1A-R
Male connector
Material and Finish
Housing: Glass-filled PBT, Red
Retainer: PBT, Black
6
750
Circuits
Model No.
MWTPB-06-1A-R
Q ty/reel
Q ty/box
Q ty/reel
Q ty/box
,
,
,
,



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com