Electronic Components Datasheet Search
  English  ▼

X  

SNP-X12 Datasheet(PDF) 3 Page - Skynet Electronic Copyright

Part # SNP-X12
Description  General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-X12 Datasheet(HTML) 3 Page - Skynet Electronic Copyright

  SNP-X12 Datasheet HTML 1Page - Skynet Electronic Copyright SNP-X12 Datasheet HTML 2Page - Skynet Electronic Copyright SNP-X12 Datasheet HTML 3Page - Skynet Electronic Copyright SNP-X12 Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
** This data sheet is only for models selection. For business, engineering specification by model must be used.
NOV. 2016
4-3
General Purpose
-Jim-
Rated
120W
Max.
132W
Peak
144W
SNP-X12 Series
1. Switching frequency ripple
Performance for SNP-X127 (input voltage is 115VAC, unless others specified):
+12V/10A
100mV/div, 5us/div
2. Line frequency ripple
3. Output turn on wave form
4. Output turn off wave form
5. Hold up time
6. Over voltage protection
5V/div, 50ms/div
Primary DC
5V/div, 10ms/div
+12V/10A
100mV/div, 5ms/div
+12V/10A
+12V/10A
10ms/div
5V/div
100V/div
Trip point around 14.4V (60% Rated Load)
5V/div, 10ms/div
SNP-X127
+12V
0A
10A
11A 13A +11.9V~+12.1V
120mVpp
±0.5%
±1%
SNP-X128
+15V
0A
8A 8.8A 9.6A +14.25V~+15.25V
120mVpp
±0.5%
±1%
SNP-X125
+18V
0A 6.7A 7.4A 8A +17.1V~+18.9V
100mVpp
±0.5%
±1%
SNP-X129
+24V
0A
5A 5.5A 6.5A +23.8V~+24.2V
200mVpp
±0.5%
±1%
SNP-X12T
+48V
0A 2.5A 2.75A 3A +47.5V~+50.4V
200mVpp
±0.5%
±1%
SNP-X12H
+60V
0A
2A 2.2A 2.4A
+57V~+63V
150mVpp
±0.5%
±1%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com